Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSPR46N03 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSPR46N03
Description  N-Channel Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSPR46N03 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSPR46N03 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSPR46N03 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSPR46N03 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSPR46N03 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSPR46N03
46A , 30V , RDS(ON) 9 mΩ
N-Channel Enhancement Mode Power MOSFET
18-Apr-2014 Rev.A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SSRS46N03 provide the designer with the best
combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness. The SPR-8PP package
is universally preferred for all commercial-industrial surface
mount applications and suited for low voltage applications
such as DC/DC converters.
FEATURES
Lower Gate Charge
Simple Drive Requirement
Fast Switching Characteristic
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SPR-8PP
3K
13 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
TC=25°C
46
TC=100°C
29
TA=25°C
11
Continuous Drain Current
1@V
GS=10V
TA=70°C
ID
8.7
A
Pulsed Drain Current
2
IDM
92
A
Single Pulse Avalanche Energy
3
EAS
130
mJ
Avalanche Current
IAS
34
A
Power Dissipation
4
TA=25°C
P D
29
W
Operating Junction & Storage Temperature
TJ, TSTG
55~150
°C
Thermal Resistance Rating
Thermal Resistance Junction-Ambient
1(Max).
RθJA
75
°C / W
Thermal Resistance Junction-Case
1(Max).
RθJC
4.31
°C / W
46N03
= Date code
SPR-8PP
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.25
3.40
G
1.35
1.55
B
3.05
3.25
H
0.24
0.35
C
3.20
3.40
I
1.13 REF.
D
3.00
3.20
J
0.30
0.50
E
0.65 BSC.
K
0.10
0.20
F
2.40
2.60
L
0.70
0.90
G
S
S
S
D
D
D
D


Similar Part No. - SSPR46N03

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSPR46N03 VBSEMI-SSPR46N03 Datasheet
1Mb / 7P
   N-Channel 30 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSPR46N03 SECOS-SSPR46N03_15 Datasheet
482Kb / 4P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SSPR46N03

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com