Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24T128NUX-WG Datasheet(PDF) 9 Page - Rohm

Part # BR24T128NUX-WG
Description  High Reliability Serial EEPROMs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24T128NUX-WG Datasheet(HTML) 9 Page - Rohm

Back Button BR24T128NUX-WG Datasheet HTML 5Page - Rohm BR24T128NUX-WG Datasheet HTML 6Page - Rohm BR24T128NUX-WG Datasheet HTML 7Page - Rohm BR24T128NUX-WG Datasheet HTML 8Page - Rohm BR24T128NUX-WG Datasheet HTML 9Page - Rohm BR24T128NUX-WG Datasheet HTML 10Page - Rohm BR24T128NUX-WG Datasheet HTML 11Page - Rohm BR24T128NUX-WG Datasheet HTML 12Page - Rohm BR24T128NUX-WG Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Technical Note
9/21
BR24T□□□□Series
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
・During internal write execution, all input commands are ignored, therefore ACK is not sent back.
・Data is written to the address designated by word address (n-th address)
・By issuing stop bit after 8bit data input, write to memory cell inside starts.
・When internal write is started, command is not accepted for tWR (5ms at maximum).
・By page write cycle, the following can be written in bulk :
Up to 8Byte
(BR24T01-W, BR24T02-W)
Up to 16Byte (BR24T04-W, BR24T08-W, BR24T16-W)
Up to 32Byte (BR24T32-W, BR24T64-W)
Up to 64Byte (BR24T128-W, BR24T256-W)
Up to 128Byte (BR24T512-W)
Up to 256Byte (BR24T1M-W)
And when data of the maximum bytes or higher is sent, data from the first byte is overwritten.
(Refer to "Internal address increment" of "Notes on page write cycle" in P10.)
・As for page write cycle of BR24T01-W and BR24T02-W, after the significant 4 bits (in the case of BR24T01-W) of word
address, or the significant 5 bits (in the case of BR24T02-W) of word address are designated arbitrarily, by continuing
data input of 2 bytes or more, the address of insignificant 3 bits is incremented internally, and data up to 8 bytes can be
written.
・As for page write command of BR24T04-W, BR24T08-W and BR24T16-W, after page select bit ’P0’(in the case of
BR24T04-W), after page select bit ’P0,P1’(in the case of BR24T08-W), after page select bit ’P0,P1,P2’(in the case of
BR24T16-W) of slave address are designated arbitrarily, by continuing data input of 2 bytes or more, the address of
insignificant 4 bits is incremented internally, and data up to 16 bytes can be written.
・As for page write cycle of BR24T32-W and BR24T64-W, after the significant 7 bits (in the case of BR24T32-W) of word
address, or the significant 8 bits (in the case of BR24T64-W) of word address are designated arbitrarily, by continuing
data input of 2 bytes or more, the address of insignificant 5 bits is incremented internally, and data up to 32 bytes can
be written.
・As for page write cycle of BR24T128-W and BR24T256-W, after the significant 8 bits (in the case of BR24T128-W) of
word address, or the significant 9 bits (in the case of BR24T256-W) of word address are designated arbitrarily, by
continuing data input of 2 bytes or more, the address of insignificant 6 bits is incremented internally, and data up to 64
bytes can be written.
・As for page write cycle of BR24T512-W after the significant 9 bits of word address is designated arbitrarily, by continuing
data input of 2 bytes or more, the address of insignificant 7 bits is incremented internally, and data up to 128 bytes can
be written.
・As for page write cycle of BR24T1M-W after page select bit ’P0’ and the significant 8 bit of word address are designated
arbitrarily, by continuing data input of 2 bytes or more, the address of insignificant 8 bits is incremented internally, and
data up to 256 bytes can be written.


Similar Part No. - BR24T128NUX-WG

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T128NUX-WG ROHM-BR24T128NUX-WG Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128NUX-WGE2 ROHM-BR24T128NUX-WGE2	 Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX-WGE2 ROHM-BR24T128NUX-WGE2 Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128NUX-WGTR ROHM-BR24T128NUX-WGTR Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
More results

Similar Description - BR24T128NUX-WG

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BU9888FV-W ROHM-BU9888FV-W Datasheet
415Kb / 17P
   High Reliability Serial EEPROMs
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com