Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57371V2103060 Datasheet(PDF) 4 Page - EPCOS

Part # B57371V2103060
Description  NTC thermistors for temperature measurement
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57371V2103060 Datasheet(HTML) 4 Page - EPCOS

  B57371V2103060 Datasheet HTML 1Page - EPCOS B57371V2103060 Datasheet HTML 2Page - EPCOS B57371V2103060 Datasheet HTML 3Page - EPCOS B57371V2103060 Datasheet HTML 4Page - EPCOS B57371V2103060 Datasheet HTML 5Page - EPCOS B57371V2103060 Datasheet HTML 6Page - EPCOS B57371V2103060 Datasheet HTML 7Page - EPCOS B57371V2103060 Datasheet HTML 8Page - EPCOS B57371V2103060 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Reliability data
SMD NTC thermistors are tested in accordance with IEC 60068. The parts are mounted on a
standardized PCB in accordance with IEC 60539-1.
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Storage in
dry heat
IEC
60068-2-2
JIS C 0021
Storage at upper
category temperature
T: (125
±2) °C
t: 1000 h
< 2%
Storage in damp
heat, steady state
IEC
60068-2-78
JIS C 0022
Temperature of air: (40
±2) °C
Relative humidity of air:
(93 +2/ 3)%
Duration: 56 days
< 2%
Rapid temperature
cycling
IEC
60068-2-14
JIS C 0025
Lower test temperature:
55
°C
Upper test temperature: 125
°C
Number of cycles: 100
< 2%
Endurance
Pmax: 180 mW
T: (65
±2) °C
t: 1000 h
< 2%
Solderability
IEC
60068-2-58
JIS C 0054
Solderability:
(215
±3) °C, (3 ±0.3) s
(245
±5) °C, (3 ±0.3) s
Resistance to soldering heat:
(260
±5) °C, (10 ±1) s
95% of
terminations
wetted
Resistance drift
after soldering
Reflow soldering profile
Wave soldering profile
< 1%
Temperature measurement and compensation
B573**V2
SMD NTC thermistors, case size 0603 (1608)
Standard series
Page 4 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57371V2103060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57371V2103060 EPCOS-B57371V2103060 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57371V2103060 TDK-B57371V2103060 Datasheet
451Kb / 22P
   NTC thermistors for temperature measurement
B57371V2103060 TDK-B57371V2103060 Datasheet
451Kb / 22P
   NTC thermistors for temperature measurement
B57371V2103060 TDK-B57371V2103060 Datasheet
451Kb / 22P
   NTC thermistors for temperature measurement
More results

Similar Description - B57371V2103060

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com