Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2E-X2F1-M1-N Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E2E-X2F1-M1-N
Description  Short Barrel Inductive Prox
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X2F1-M1-N Datasheet(HTML) 4 Page - Omron Electronics LLC

  E2E-X2F1-M1-N Datasheet HTML 1Page - Omron Electronics LLC E2E-X2F1-M1-N Datasheet HTML 2Page - Omron Electronics LLC E2E-X2F1-M1-N Datasheet HTML 3Page - Omron Electronics LLC E2E-X2F1-M1-N Datasheet HTML 4Page - Omron Electronics LLC E2E-X2F1-M1-N Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
E2E 3-Wire DC
E2E 3-Wire DC
5
Specifications
J
MINIATURE SENSORS
Part number
E2E-CR8jj
E2E-X1jj
E2E-C1jj
Size
4 mm (0.16 in) dia.
M5
5.5 mm (0.21 in) dia.
Type
Shielded
Sensing distance
0.8 mm (0.03 in) ± 15%
1 mm (0.04 in) ± 15%
Supply voltage
10 to 30 VDC, 10% max. permissible ripple peak to peak
Current consumption
17 mA max.
Sensing object
Magnetic metals
Setting distance
0to0.5 mm (0 to 0.02 in)
0to7mm(0to0.03in)
Standard object
(mild steel, L xW xH)
5x 5x 1mm(0.2x 0.2x 0.04 in)
8x 8x 1mm(0.3x 0.3x 0.04 in)
Differential travel
15% max. of effective distance
Response frequency
3kHz
Control
output
Operation
C1 models: NPN-NO open collector
C2 models: NPN-NC open collector
B1 models: PNP-NO open collector
B1 models: PNP-NC open collector
Max. load
100 mA switching capacity
Max.
on-state
voltage
drop
2VDC
Circuit protection
DC power supply reverse polarity
Indicators
Operation indicator (red LED)
Ambient
temperature
Operating
--25°Cto 70°C(--13°F to 158°F) with no icing
Ambient
humidity
Operating
35% to 95%
Vibration resistance
10 to 55 Hz, 1.5 mm (0.06 in) double amplitude
Shock resistance
Approx. 50 G’s
Enclosure
UL
rating
NEMA
1, 3, 4, 6, 12, 13
IEC 144
IP67
Weight with cable
Approx. 30 g (1.1 oz.)
Materials
Housing
Stainless steel
Nickel-plated brass
Nickel-plated brass
Sensing
face
Plastic PBT
Cable
sheath
Polyvinyl chloride


Similar Part No. - E2E-X2F1-M1-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X2F1-M1 OMRON-E2E-X2F1-M1 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
More results

Similar Description - E2E-X2F1-M1-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X10MY2-US OMRON-E2E-X10MY2-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2E-X5Y1-53-US OMRON-E2E-X5Y1-53-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2E2-X2C1 OMRON-E2E2-X2C1 Datasheet
362Kb / 9P
   Long Barrel Inductive Prox
TL-W OMRON-TL-W Datasheet
223Kb / 8P
   Miniature Inductive Prox
E2C-C1A OMRON-E2C-C1A Datasheet
396Kb / 15P
   Miniature Inductive Prox
TL-Q2MC1 OMRON-TL-Q2MC1 Datasheet
119Kb / 9P
   Compact Rectangular Inductive Prox
E2EVX5C1 OMRON-E2EVX5C1 Datasheet
300Kb / 6P
   All Metal Sensing Inductive Prox
E2KC25MF1 OMRON-E2KC25MF1 Datasheet
279Kb / 8P
   Adjustable Capacitive Prox
logo
G.M. International
D5034 GMI-D5034 Datasheet
174Kb / 2P
   I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
D5038 GMI-D5038 Datasheet
201Kb / 2P
   I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com