Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72214S2151K101 Datasheet(PDF) 7 Page - EPCOS

Part # B72214S2151K101
Description  SIOV metal oxide varistors Leaded varistors, AdvanceD series
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72214S2151K101 Datasheet(HTML) 7 Page - EPCOS

Back Button B72214S2151K101 Datasheet HTML 3Page - EPCOS B72214S2151K101 Datasheet HTML 4Page - EPCOS B72214S2151K101 Datasheet HTML 5Page - EPCOS B72214S2151K101 Datasheet HTML 6Page - EPCOS B72214S2151K101 Datasheet HTML 7Page - EPCOS B72214S2151K101 Datasheet HTML 8Page - EPCOS B72214S2151K101 Datasheet HTML 9Page - EPCOS B72214S2151K101 Datasheet HTML 10Page - EPCOS B72214S2151K101 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Electrical specifications and ordering codes
Maximum ratings (TA = 85
°C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20 µs)
A
Wmax
(2 ms)
J
Pmax
W
VRMS = 510 V
B72210S2511K101
S10K510E2
510
670
3500
80.0
0.40
B72214S2511K101
S14K510E2
510
670
5000
165.0
0.60
B72220S2511K101
S20K510E2
510
670
10000
325.0
1.00
VRMS = 550 V
B72210S2551K101
S10K550E2
550
745
3500
90.0
0.40
B72214S2551K101
S14K550E2
550
745
5000
180.0
0.60
B72220S2551K101
S20K550E2
550
745
10000
360.0
1.00
VRMS = 625 V
B72210S2621K101
S10K625E2
625
825
3500
100.0
0.40
B72214S2621K101
S14K625E2
625
825
5000
200.0
0.60
B72220S2621K101
S20K625E2
625
825
10000
400.0
1.00
VRMS = 680 V
B72210S2681K101
S10K680E2
680
895
3500
110.0
0.40
B72214S2681K101
S14K680E2
680
895
5000
220.0
0.60
B72220S2681K101
S20K680E2
680
895
10000
440.0
1.00
Leaded varistors
B722*
AdvanceD series
Page 7 of 34
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72214S2151K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S2151K101 EPCOS-B72214S2151K101 Datasheet
113Kb / 11P
   Leaded Varistors
More results

Similar Description - B72214S2151K101

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B72314S2XXX TDK-B72314S2XXX Datasheet
1Mb / 22P
   SIOV metal oxide varistors Leaded varistors, AdvanceD, S14 compact series
April 2022 Version:2
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72214S551K101 EPCOS-B72214S551K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S1140K552 EPCOS-B72214S1140K552 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
SIOV-S14K130G5S5 EPCOS-SIOV-S14K130G5S5 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
B72210S171K101 EPCOS-B72210S171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
ETFV25 EPCOS-ETFV25 Datasheet
275Kb / 10P
   SIOV metal oxide varistors Housed (ThermoFuse) varistors, AdvanceD series
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com