Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72220S2171K101 Datasheet(PDF) 6 Page - EPCOS

Part # B72220S2171K101
Description  SIOV metal oxide varistors Leaded varistors, AdvanceD series
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72220S2171K101 Datasheet(HTML) 6 Page - EPCOS

Back Button B72220S2171K101 Datasheet HTML 2Page - EPCOS B72220S2171K101 Datasheet HTML 3Page - EPCOS B72220S2171K101 Datasheet HTML 4Page - EPCOS B72220S2171K101 Datasheet HTML 5Page - EPCOS B72220S2171K101 Datasheet HTML 6Page - EPCOS B72220S2171K101 Datasheet HTML 7Page - EPCOS B72220S2171K101 Datasheet HTML 8Page - EPCOS B72220S2171K101 Datasheet HTML 9Page - EPCOS B72220S2171K101 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Characteristics (TA = 25
°C)
Ordering code
Vv
(1 mA)
V
∆V
v
(1 mA)
%
vc,max
(ic)
V
ic
A
Ctyp
(1 kHz)
pF
VRMS = 250 V
B72205S2251K101
390
±10
650
5.0
65
B72207S2251K101
390
±10
650
10.0
120
B72210S2251K101
390
±10
650
25.0
245
B72214S2251K101
390
±10
650
50.0
490
B72220S2251K101
390
±10
650
100.0
940
VRMS = 275 V
B72205S2271K101
430
±10
710
5.0
60
B72207S2271K101
430
±10
710
10.0
110
B72210S2271K101
430
±10
710
25.0
220
B72214S2271K101
430
±10
710
50.0
440
B72220S2271K101
430
±10
710
100.0
850
VRMS = 300 V
B72205S2301K101
470
±10
775
5.0
55
B72207S2301K101
470
±10
775
10.0
100
B72210S2301K101
470
±10
775
25.0
200
B72214S2301K101
470
±10
775
50.0
400
B72220S2301K101
470
±10
775
100.0
780
VRMS = 320 V
B72207S2321K101
510
±10
840
10.0
90
B72210S2321K101
510
±10
840
25.0
185
B72214S2321K101
510
±10
840
50.0
370
B72220S2321K101
510
±10
840
100.0
720
VRMS = 385 V
B72210S2381K101
620
±10
1025
25.0
175
B72214S2381K101
620
±10
1025
50.0
315
B72220S2381K101
620
±10
1025
100.0
600
VRMS = 420 V
B72210S2421K101
680
±10
1120
25.0
165
B72214S2421K101
680
±10
1120
50.0
290
B72220S2421K101
680
±10
1120
100.0
550
VRMS = 460 V
B72210S2461K101
750
±10
1240
25.0
150
B72214S2461K101
750
±10
1240
50.0
260
B72220S2461K101
750
±10
1240
100.0
500
Leaded varistors
B722*
AdvanceD series
Page 6 of 34
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72220S2171K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72220S2171K101 EPCOS-B72220S2171K101 Datasheet
113Kb / 11P
   Leaded Varistors
More results

Similar Description - B72220S2171K101

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B72314S2XXX TDK-B72314S2XXX Datasheet
1Mb / 22P
   SIOV metal oxide varistors Leaded varistors, AdvanceD, S14 compact series
April 2022 Version:2
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72214S551K101 EPCOS-B72214S551K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S1140K552 EPCOS-B72214S1140K552 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
SIOV-S14K130G5S5 EPCOS-SIOV-S14K130G5S5 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
B72210S171K101 EPCOS-B72210S171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
ETFV25 EPCOS-ETFV25 Datasheet
275Kb / 10P
   SIOV metal oxide varistors Housed (ThermoFuse) varistors, AdvanceD series
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com