Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72220S2211K101 Datasheet(PDF) 9 Page - EPCOS

Part # B72220S2211K101
Description  SIOV metal oxide varistors Leaded varistors, AdvanceD series
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72220S2211K101 Datasheet(HTML) 9 Page - EPCOS

Back Button B72220S2211K101 Datasheet HTML 5Page - EPCOS B72220S2211K101 Datasheet HTML 6Page - EPCOS B72220S2211K101 Datasheet HTML 7Page - EPCOS B72220S2211K101 Datasheet HTML 8Page - EPCOS B72220S2211K101 Datasheet HTML 9Page - EPCOS B72220S2211K101 Datasheet HTML 10Page - EPCOS B72220S2211K101 Datasheet HTML 11Page - EPCOS B72220S2211K101 Datasheet HTML 12Page - EPCOS B72220S2211K101 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Dimensional drawings
Weight
Nominal diameter
mm
VRMS
V
Weight
g
5
130 ... 300
0.4 ... 0.5
7
130 ... 320
0.6 ... 0.8
10
130 ... 680
1.2 ... 2.8
14
130 ... 680
1.8 ... 4.8
20
130 ... 680
3.3 ... 9.6
The weight of varistors in between these voltage
classes can be interpolated.
Dimensions
Ordering code
[e]
±1
mm
a
±1
mm
wmax
mm
thmax
mm
hmax
mm
lmin
mm
d
±0.05
mm
VRMS = 130 V
B72205S2131K101
5.0
1.6
7.0
3.9
8.5
25.0
0.6
B72207S2131K101
5.0
1.6
9.0
3.9
11.0
25.0
0.6
B72210S2131K101
7.5
1.8
12.0
4.5
14.5
25.0
0.8
B72214S2131K101
7.5
1.9
15.5
4.6
18.5
25.0
0.8
B72220S2131K101
10.0
2.0
21.5
5.0
25.5
25.0
1.0
VRMS = 140 V
B72205S2141K101
5.0
1.7
7.0
4.0
8.5
25.0
0.6
B72207S2141K101
5.0
1.7
9.0
4.0
11.0
25.0
0.6
B72210S2141K101
7.5
1.9
12.0
4.6
14.5
25.0
0.8
B72214S2141K101
7.5
2.0
15.5
4.7
18.5
25.0
0.8
B72220S2141K101
10.0
2.1
21.5
5.1
25.5
25.0
1.0
VRMS = 150 V
B72205S2151K101
5.0
1.8
7.0
4.1
8.5
25.0
0.6
B72207S2151K101
5.0
1.8
9.0
4.1
11.0
25.0
0.6
B72210S2151K101
7.5
2.0
12.0
4.7
14.5
25.0
0.8
B72214S2151K101
7.5
2.1
15.5
4.8
18.5
25.0
0.8
B72220S2151K101
10.0
2.2
21.5
5.2
25.5
25.0
1.0
VRMS = 175 V
B72205S2171K101
5.0
2.0
7.0
4.3
8.5
25.0
0.6
B72207S2171K101
5.0
2.0
9.0
4.3
11.0
25.0
0.6
B72210S2171K101
7.5
2.2
12.0
4.9
14.5
25.0
0.8
B72214S2171K101
7.5
2.2
15.5
4.9
18.5
25.0
0.8
B72220S2171K101
10.0
2.3
21.5
5.3
25.5
25.0
1.0
Leaded varistors
B722*
AdvanceD series
Page 9 of 34
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72220S2211K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72220S2211K101 EPCOS-B72220S2211K101 Datasheet
113Kb / 11P
   Leaded Varistors
logo
TDK Electronics
B72220S2211K101V87 TDK-B72220S2211K101V87 Datasheet
701Kb / 23P
   Leaded varistors, SuperioR, S25 series
January 2018
More results

Similar Description - B72220S2211K101

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B72314S2XXX TDK-B72314S2XXX Datasheet
1Mb / 22P
   SIOV metal oxide varistors Leaded varistors, AdvanceD, S14 compact series
April 2022 Version:2
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72214S551K101 EPCOS-B72214S551K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S1140K552 EPCOS-B72214S1140K552 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
SIOV-S14K130G5S5 EPCOS-SIOV-S14K130G5S5 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
B72210S171K101 EPCOS-B72210S171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
ETFV25 EPCOS-ETFV25 Datasheet
275Kb / 10P
   SIOV metal oxide varistors Housed (ThermoFuse) varistors, AdvanceD series
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com