Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82432C1474000 Datasheet(PDF) 6 Page - EPCOS

Part # B82432C1474000
Description  Dimensional drawing and layout recommendation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82432C1474000 Datasheet(HTML) 6 Page - EPCOS

  B82432C1474000 Datasheet HTML 1Page - EPCOS B82432C1474000 Datasheet HTML 2Page - EPCOS B82432C1474000 Datasheet HTML 3Page - EPCOS B82432C1474000 Datasheet HTML 4Page - EPCOS B82432C1474000 Datasheet HTML 5Page - EPCOS B82432C1474000 Datasheet HTML 6Page - EPCOS B82432C1474000 Datasheet HTML 7Page - EPCOS B82432C1474000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
10/12
Impedance |Z| versus frequency f
measured with impedance analyzer Agilent
E4991A, typical values at +20 °C
Q factor versus frequency f
measured with impedance analyzer Agilent
E4991A, typical values at +20 °C
Inductance L versus DC load current IDC
measured with LCR meter Agilent 4285A,
typical values at +20 °C
Current derating Iop/IR
versus ambient temperature TA
(rated temperature TR = +85 °C)
10
|
Z
|
6
Hz
f
IND0033-6
10 1
10 2
10 3
10 4
10 5
10
Ω
6
10 7
10 8
10 9
1000 μH
100 μH
10 μH
1 μH
B82432C
IND0035-W
Q
0
10 4
f
Hz
10 5
10 6
10 7
10 8
20
40
60
80
1000 μH
100 μH
10 μH
1 μH
B82432C
10
L
A
I
IND0034-8
10
10 0
10 1
10 2
10 3
10
μH
4
10
10 0
10 1
DC
_21
_
1
_
1000 μH
100 μH
10 μH
1 μH
B82432C
IND0036-9-E
0
0
0.2
0.4
0.6
0.8
1.0
1.2
IR
op
I
A
T
20
40
60
80 100 120
160
B82432C
C
B82432C
SMT inductors, SIMID series
SIMID 1812-C


Similar Part No. - B82432C1474000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432C1474K000 EPCOS-B82432C1474K000 Datasheet
159Kb / 8P
   SMT inductors
More results

Similar Description - B82432C1474000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432T1153K EPCOS-B82432T1153K Datasheet
476Kb / 8P
   Dimensional drawing and layout recommendation
logo
PhaseLink Corporation
TB502-02 PLL-TB502-02 Datasheet
32Kb / 1P
   Layout Recommendation and Test Board for PLL502-02
logo
Hantronix,Inc
HDA430 HANTRONIX-HDA430 Datasheet
475Kb / 5P
   Dimensional Drawing
HDA570S-V HANTRONIX-HDA570S-V Datasheet
197Kb / 3P
   Dimensional Drawing
HDA700L-1 HANTRONIX-HDA700L-1 Datasheet
94Kb / 3P
   Dimensional Drawing
HDG1602F-1 HANTRONIX-HDG1602F-1 Datasheet
63Kb / 1P
   Dimensional Drawing
HDG1602P-1 HANTRONIX-HDG1602P-1 Datasheet
65Kb / 1P
   Dimensional Drawing
HDG1602P-2 HANTRONIX-HDG1602P-2 Datasheet
42Kb / 1P
   Dimensional Drawing
HDR12864-L HANTRONIX-HDR12864-L Datasheet
254Kb / 1P
   Dimensional Drawing
HDR12864-5 HANTRONIX-HDR12864-5 Datasheet
60Kb / 1P
   Dimensional Drawing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com