Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82432C1684000 Datasheet(PDF) 2 Page - EPCOS

Part # B82432C1684000
Description  Dimensional drawing and layout recommendation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82432C1684000 Datasheet(HTML) 2 Page - EPCOS

  B82432C1684000 Datasheet HTML 1Page - EPCOS B82432C1684000 Datasheet HTML 2Page - EPCOS B82432C1684000 Datasheet HTML 3Page - EPCOS B82432C1684000 Datasheet HTML 4Page - EPCOS B82432C1684000 Datasheet HTML 5Page - EPCOS B82432C1684000 Datasheet HTML 6Page - EPCOS B82432C1684000 Datasheet HTML 7Page - EPCOS B82432C1684000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
10/12
Please read Cautions and warnings and
Important notes at the end of this document.
Size 1812 (EIA) or 4532 (IEC)
Rated inductance 1 ... 1000 μH
Rated current 55 ... 600 mA
Construction
Upright ferrite drum core
Laser-welded winding
Flame-retardant molding
Features
Temperature range up to +150 °C
High Q factor
Qualified to AEC-Q200
Suitable for lead-free reflow soldering
as referenced in JEDEC J-STD 020D
RoHS-compatible
Applications
Filtering of supply voltages, coupling, decoupling
Antenna systems
Automotive electronics
Telecommunications
Industrial electronics
Terminals
Base material CuSn6
Layer composition Cu, Ag, Sn (lead-free)1)
Electro-plated
Marking
Marking on component:
Manufacturer and letter “C”,
L value (in nH), tolerance of L value (coded),
date of manufacture (YWWD)
Minimum data on reel:
Manufacturer, ordering code, L value, quantity, date of packing
Delivery mode and packing unit
12-mm blister tape, wound on 330-mm
‡ reel
Packing unit: 2500 pcs./reel
1) Ni-barrier-plated terminals on request (B82432C*50).
B82432C
SMT inductors, SIMID series
SIMID 1812-C


Similar Part No. - B82432C1684000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432C1684K000 EPCOS-B82432C1684K000 Datasheet
159Kb / 8P
   SMT inductors
More results

Similar Description - B82432C1684000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432T1153K EPCOS-B82432T1153K Datasheet
476Kb / 8P
   Dimensional drawing and layout recommendation
logo
PhaseLink Corporation
TB502-02 PLL-TB502-02 Datasheet
32Kb / 1P
   Layout Recommendation and Test Board for PLL502-02
logo
Hantronix,Inc
HDA430 HANTRONIX-HDA430 Datasheet
475Kb / 5P
   Dimensional Drawing
HDA570S-V HANTRONIX-HDA570S-V Datasheet
197Kb / 3P
   Dimensional Drawing
HDA700L-1 HANTRONIX-HDA700L-1 Datasheet
94Kb / 3P
   Dimensional Drawing
HDG1602F-1 HANTRONIX-HDG1602F-1 Datasheet
63Kb / 1P
   Dimensional Drawing
HDG1602P-1 HANTRONIX-HDG1602P-1 Datasheet
65Kb / 1P
   Dimensional Drawing
HDG1602P-2 HANTRONIX-HDG1602P-2 Datasheet
42Kb / 1P
   Dimensional Drawing
HDR12864-L HANTRONIX-HDR12864-L Datasheet
254Kb / 1P
   Dimensional Drawing
HDR12864-5 HANTRONIX-HDR12864-5 Datasheet
60Kb / 1P
   Dimensional Drawing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com