Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5507 Datasheet(PDF) 6 Page - NEC

Part # 2SC5507
Description  NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5507 Datasheet(HTML) 6 Page - NEC

Back Button 2SC5507 Datasheet HTML 2Page - NEC 2SC5507 Datasheet HTML 3Page - NEC 2SC5507 Datasheet HTML 4Page - NEC 2SC5507 Datasheet HTML 5Page - NEC 2SC5507 Datasheet HTML 6Page - NEC 2SC5507 Datasheet HTML 7Page - NEC 2SC5507 Datasheet HTML 8Page - NEC 2SC5507 Datasheet HTML 9Page - NEC 2SC5507 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Preliminary Data Sheet P13864EJ1V0DS00
6
2SC5507
S PARAMETER
VCE = 2 V, IC = 2 mA
Frequency
S11
S21
S12
S22
GHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0.90
0.89
0.89
0.88
0.87
0.87
0.86
0.84
0.83
0.82
0.80
0.79
0.77
0.76
0.74
0.72
0.70
0.68
0.66
0.64
0.62
0.60
0.58
0.56
0.55
0.52
0.50
0.47
0.42
0.40
0.47
0.49
0.56
0.63
0.69
0.74
0.79
–3.7
–7.1
–10.6
–14.2
–17.6
–21.0
–24.6
–28.0
–31.5
–35.0
–38.6
–42.0
–45.8
–49.4
–53.4
–57.1
–61.0
–65.0
–69.2
–73.3
–77.7
–82.1
–86.9
–91.8
–97.1
–102.5
–108.7
–115.5
–120.2
–119.0
–159.3
163.9
141.2
123.9
111.6
102.1
95.1
6.45
6.25
6.12
6.02
5.96
5.87
5.79
5.69
5.64
5.54
5.50
5.42
5.37
5.28
5.25
5.19
5.14
5.06
5.04
4.98
4.91
4.82
4.78
4.68
4.62
4.53
4.46
4.29
4.11
4.06
3.24
2.74
2.34
2.00
1.70
1.44
1.19
174.8
170.8
167.2
163.6
160.2
156.9
153.4
150.3
147.1
143.8
140.7
137.7
134.5
131.6
128.5
125.2
122.4
119.2
116.1
113.0
109.9
106.9
103.6
100.6
97.5
94.1
90.8
87.5
85.2
84.6
66.5
45.5
26.7
9.3
–6.5
–21.4
–34.9
0.00
0.01
0.01
0.02
0.02
0.02
0.03
0.03
0.03
0.03
0.04
0.04
0.04
0.04
0.05
0.05
0.05
0.05
0.06
0.06
0.06
0.06
0.06
0.06
0.07
0.07
0.07
0.07
0.06
0.06
0.07
0.07
0.08
0.09
0.11
0.12
0.13
81.9
77.9
75.5
75.7
74.1
72.4
70.0
68.7
66.9
65.2
63.3
62.2
60.1
58.4
57.0
55.0
53.1
52.1
50.9
49.1
46.6
45.6
43.8
42.2
40.5
39.0
37.0
34.8
34.7
38.1
33.4
33.5
35.9
37.0
35.9
31.3
25.3
0.98
0.95
0.94
0.92
0.91
0.90
0.89
0.88
0.87
0.86
0.84
0.83
0.82
0.81
0.80
0.78
0.77
0.76
0.75
0.73
0.72
0.71
0.69
0.68
0.66
0.65
0.63
0.62
0.61
0.61
0.51
0.44
0.40
0.38
0.39
0.44
0.52
–3.6
–6.0
–7.9
–9.5
–11.0
–12.7
–14.3
–15.6
–17.3
–18.9
–20.3
–21.8
–23.3
–24.9
–26.4
–27.8
–29.3
–30.7
–32.2
–33.6
–35.1
–36.3
–37.8
–39.2
–40.5
–41.9
–43.0
–44.1
–44.0
–45.4
–55.3
–69.8
–88.9
–112.9
–138.6
–163.4
175.7


Similar Part No. - 2SC5507

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5507 RENESAS-2SC5507 Datasheet
300Kb / 12P
   NPN SILICON RF TRANSISTOR
2004
2SC5507-T2 RENESAS-2SC5507-T2 Datasheet
300Kb / 12P
   NPN SILICON RF TRANSISTOR
2004
More results

Similar Description - 2SC5507

ManufacturerPart #DatasheetDescription
logo
NEC
NE661M04 NEC-NE661M04 Datasheet
70Kb / 7P
   NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
2SC5508 NEC-2SC5508 Datasheet
106Kb / 16P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
2SC5761 NEC-2SC5761 Datasheet
81Kb / 14P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE & HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
logo
California Eastern Labs
NESG3031M05-T1-A CEL-NESG3031M05-T1-A Datasheet
673Kb / 9P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)
logo
Renesas Technology Corp
2SC5508 RENESAS-2SC5508 Datasheet
229Kb / 10P
   NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
2SC5606 RENESAS-2SC5606 Datasheet
201Kb / 9P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
logo
NEC
2SC5436 NEC-2SC5436 Datasheet
77Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR ULTRA SUPER MINI MOLD FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5183 NEC-2SC5183 Datasheet
60Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5178 NEC-2SC5178 Datasheet
82Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5606 NEC-2SC5606 Datasheet
68Kb / 6P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com