Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24T16FJ-WGE2 Datasheet(PDF) 6 Page - Rohm

Part # BR24T16FJ-WGE2
Description  High Reliability Serial EEPROMs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24T16FJ-WGE2 Datasheet(HTML) 6 Page - Rohm

Back Button BR24T16FJ-WGE2 Datasheet HTML 2Page - Rohm BR24T16FJ-WGE2 Datasheet HTML 3Page - Rohm BR24T16FJ-WGE2 Datasheet HTML 4Page - Rohm BR24T16FJ-WGE2 Datasheet HTML 5Page - Rohm BR24T16FJ-WGE2 Datasheet HTML 6Page - Rohm BR24T16FJ-WGE2 Datasheet HTML 7Page - Rohm BR24T16FJ-WGE2 Datasheet HTML 8Page - Rohm BR24T16FJ-WGE2 Datasheet HTML 9Page - Rohm BR24T16FJ-WGE2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Technical Note
6/21
BR24T□□□□Series
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
●Characteristic data (The following values are Typ. ones.)
0
0.5
1
1.5
2
01
2
34
56
SUPPLY VOLTAGE : Vcc(V)
0
1
2
3
4
5
6
01
234
5
6
SUPPLY VOLTAGE : Vcc(V)
-200
-100
0
100
200
300
01
2
34
56
SUPPLY VOLTAGE : Vcc(V)
0.0
0.5
1.0
1.5
2.0
01
2
34
5
6
SUPPLY VOLTAGE : Vcc(V)
Fig.24 Input Data setup time tSU : DAT(LOW)
Fig.25 'L' Data output delay time tPD0
Fig.26 'H' Data output delay time tPD1
Fig.28 BUS open time before transmission tBUF
Fig.29 Internal writing cycle time tWR
0
0.1
0.2
0.3
0.4
0.5
0.6
012
3456
SUPPLY VOLTAGE : Vcc(V)
Fig.30 Noise reduction efection time tl(SCL H)
Fig.31 Noise reduction efective time tl(SCL L)
0
0.1
0.2
0.3
0.4
0.5
0.6
01
2
3456
SUPPLY VOLTAGE : Vcc(V)
Fig.32 Noise resuction efecctive time t(SDA H)
0
0.1
0.2
0.3
0.4
0.5
0.6
012
3
456
SUPPLY VOLATGE : Vcc(V)
Fig.33 Noise reduction efective time tl(SDA L)
0
0.1
0.2
0.3
0.4
0.5
0.6
012
3456
SUPPLY VOLTAGE : Vcc(V)
Fig.35 WP setup time tSU : WP
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
01
23456
SUPPLY VOLTAGE : Vcc(V)
Fig.36 WP efective time tHIGH : WP
0.0
0.2
0.4
0.6
0.8
1.0
1.2
012
34
56
SUPPLYVOLTAGE : Vcc(V)
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
SPEC
SPEC
SPEC
SPEC
SPEC
SPEC
SPEC
SPEC
SPEC
0.0
0.5
1.0
1.5
2.0
01
234
5
6
SUPPLY VOLTAGE : Vcc(V)
SPEC
SPEC
-0.5
0.0
0.5
1.0
1.5
2.0
01
23
45
6
SUPPLY VOLTAGE : Vcc(V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
01
234
56
SUPPLYVOLTAGE : Vcc(V)
Fig.27 Stop condition setup time
 t
SU:STO
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
Fig.34 WP data hold time tHD:WP
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃


Similar Part No. - BR24T16FJ-WGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T16FJ-WGE2 ROHM-BR24T16FJ-WGE2	 Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T16FJ-WGE2 ROHM-BR24T16FJ-WGE2 Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
More results

Similar Description - BR24T16FJ-WGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BU9888FV-W ROHM-BU9888FV-W Datasheet
415Kb / 17P
   High Reliability Serial EEPROMs
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com