Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24T16FVT-WGE2 Datasheet(PDF) 10 Page - Rohm

Part # BR24T16FVT-WGE2
Description  High Reliability Serial EEPROMs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24T16FVT-WGE2 Datasheet(HTML) 10 Page - Rohm

Back Button BR24T16FVT-WGE2 Datasheet HTML 6Page - Rohm BR24T16FVT-WGE2 Datasheet HTML 7Page - Rohm BR24T16FVT-WGE2 Datasheet HTML 8Page - Rohm BR24T16FVT-WGE2 Datasheet HTML 9Page - Rohm BR24T16FVT-WGE2 Datasheet HTML 10Page - Rohm BR24T16FVT-WGE2 Datasheet HTML 11Page - Rohm BR24T16FVT-WGE2 Datasheet HTML 12Page - Rohm BR24T16FVT-WGE2 Datasheet HTML 13Page - Rohm BR24T16FVT-WGE2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Technical Note
10/21
BR24T□□□□Series
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
○Notes on page write cycle
List of numbers of page write
Number of Pages
8Byte
16Byte
32Byte
64Byte
128Byte
256Byte
Product number
BR24T01-W
BR24T02-W
BR24T04-W
BR24T08-W
BR24T16-W
BR24T32-W
BR24T64-W
BR24T128-W
BR24T256-W
BR24T512-W
BR24T1M-W
The above numbers are maximum bytes for respective types.
Any bytes below these can be written.
In the case BR24T256-W, 1 page=64bytes, but the page
write cycle time is 5ms at maximum for 64byte bulk write.
It does not stand 5ms at maximum × 64byte=320ms(Max.)
○Internal address increment
Page write mode (in the case of BR24T16-W)
○Write protect (WP) terminal
・Write protect (WP) function
When WP terminal is set Vcc (H level), data rewrite of all addresses is prohibited. When it is set GND (L level), data
rewrite of all address is enabled. Be sure to connect this terminal to Vcc or GND, or control it to H level or L level. Do
not use it open.
In the case of use it as an ROM, it is recommended to connect it to pull up or Vcc.
At extremely low voltage at power ON / OFF, by setting the WP terminal 'H', mistake write can be prevented.
For example, when it is started from address 0Eh,
therefore, increment is made as below,
0Eh→0Fh→00h→01h・・・
which please note.
※0Eh・・・0E in hexadecimal, therefore,
00001110 becomes a binary number.
WA7
WA4
WA3
WA2
WA1
WA0
0
00000
0
00001
0
00010
0
01110
0
01111
0
00000
Increment
0Eh
Significant bit is fixed.
No digit up


Similar Part No. - BR24T16FVT-WGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T16FVT-WGE2 ROHM-BR24T16FVT-WGE2	 Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T16FVT-WGE2 ROHM-BR24T16FVT-WGE2 Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
More results

Similar Description - BR24T16FVT-WGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BU9888FV-W ROHM-BU9888FV-W Datasheet
415Kb / 17P
   High Reliability Serial EEPROMs
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com