Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9333 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9333
Description  QUAD LOW SIDE DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9333 Datasheet(HTML) 3 Page - STMicroelectronics

  L9333 Datasheet HTML 1Page - STMicroelectronics L9333 Datasheet HTML 2Page - STMicroelectronics L9333 Datasheet HTML 3Page - STMicroelectronics L9333 Datasheet HTML 4Page - STMicroelectronics L9333 Datasheet HTML 5Page - STMicroelectronics L9333 Datasheet HTML 6Page - STMicroelectronics L9333 Datasheet HTML 7Page - STMicroelectronics L9333 Datasheet HTML 8Page - STMicroelectronics L9333 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
L9333
ABSOLUTE MAXIMUM RATINGS
Note 1) : In flyback phase the output voltage can reach 60V.
ESD - PROTECTION
Note: Human-Body-Model according to MIL 883C. The device widthstand ST1 class level.
THERMAL DATA
Note 2) : With 6cm2 on board heat sink area.
LIFE TIME
Symbol
Parameter
Value
Unit
VS
Supply voltage DC
Supply voltage Pulse (T = 400ms)
-0.3 to 32
-0.3 to 45
V
V
dVS/dt
Supply voltage transient
-10 to +10
V/µs
VIN, VEN,
VPRG
Input, Enable, Programming
Pin voltage
-14 to 45
V
VOUT
Output voltage
-0.3 to 45 1)
V
VDIAG
Diagnostic output voltage
-0.3 to 45
V
Parameter
Value
against GND
Unit
Supply pins and signal pins
± 2
KV
Output pins
± 4
KV
Symbol
Parameter
Min
Typ
Max
Unit
TJSD
Temperature shutdown threshold
175
220
°C
TJSDhys
Temperature shutdown hysteresis
20
K
SO 12+4+4
Rth (j-p)
Thermal resistance junction to pins
15
°C/W
Rth (j-a)
Thermal resistance junction to ambient 2)
50
°C/W
Symbol
Parameter
Condition
Value
Unit
tB
useful life time
VS  14V
EN = low
20
years
tb
operating life time
4.5V
 VS  32V
EN = high
5000
hours


Similar Part No. - L9333

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333 Datasheet
93Kb / 13P
   QUAD LOW SIDE DRIVER
L9333DIE1 STMICROELECTRONICS-L9333DIE1 Datasheet
260Kb / 13P
   QUAD LOW SIDE DRIVER
L9333MD STMICROELECTRONICS-L9333MD Datasheet
93Kb / 13P
   QUAD LOW SIDE DRIVER
L9333MD STMICROELECTRONICS-L9333MD Datasheet
260Kb / 13P
   QUAD LOW SIDE DRIVER
L9333 STMICROELECTRONICS-L9333_01 Datasheet
260Kb / 13P
   QUAD LOW SIDE DRIVER
More results

Similar Description - L9333

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9338 STMICROELECTRONICS-L9338 Datasheet
57Kb / 8P
   QUAD LOW SIDE DRIVER
L9348 STMICROELECTRONICS-L9348 Datasheet
220Kb / 13P
   QUAD LOW SIDE DRIVER
L93PI STMICROELECTRONICS-L93PI Datasheet
56Kb / 8P
   QUAD LOW SIDE DRIVER
L9339-TR STMICROELECTRONICS-L9339-TR Datasheet
180Kb / 14P
   Quad low side driver
L9333 STMICROELECTRONICS-L9333 Datasheet
93Kb / 13P
   QUAD LOW SIDE DRIVER
L9339 STMICROELECTRONICS-L9339 Datasheet
65Kb / 9P
   QUAD LOW SIDE DRIVER
L9339 STMICROELECTRONICS-L9339_08 Datasheet
164Kb / 14P
   Quad low side driver
L9333 STMICROELECTRONICS-L9333_01 Datasheet
260Kb / 13P
   QUAD LOW SIDE DRIVER
L9362 STMICROELECTRONICS-L9362 Datasheet
174Kb / 17P
   QUAD LOW SIDE DRIVER
L9341 STMICROELECTRONICS-L9341 Datasheet
130Kb / 10P
   QUAD LOW SIDE DRIVER
logo
Freescale Semiconductor...
33385 FREESCALE-33385 Datasheet
406Kb / 18P
   Quad Low-side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com