Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7805ACV Datasheet(PDF) 7 Page - STMicroelectronics

Part # L7805ACV
Description  Positive voltage regulator ICs
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805ACV Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L7805ACV Datasheet HTML 3Page - STMicroelectronics L7805ACV Datasheet HTML 4Page - STMicroelectronics L7805ACV Datasheet HTML 5Page - STMicroelectronics L7805ACV Datasheet HTML 6Page - STMicroelectronics L7805ACV Datasheet HTML 7Page - STMicroelectronics L7805ACV Datasheet HTML 8Page - STMicroelectronics L7805ACV Datasheet HTML 9Page - STMicroelectronics L7805ACV Datasheet HTML 10Page - STMicroelectronics L7805ACV Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
DocID2143 Rev 32
7/58
Positive voltage regulator ICs
Maximum ratings
58
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
for VO= 5 to 18 V
35
V
for VO= 20, 24 V
40
IO
Output current
Internally limited
PD
Power dissipation
Internally limited
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
for L78xxC, L78xxAC
0 to 125
°C
for L78xxAB
-40 to 125
Table 2. Thermal data
Symbol
Parameter
D²PAK
DPAK
TO-220
TO-220FP
Unit
RthJC
Thermal resistance junction-case
3
8
5
5
°C/W
RthJA
Thermal resistance junction-ambient
62.5
100
50
60
°C/W
Figure 4. Application circuits


Similar Part No. - L7805ACV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7805ACV STMICROELECTRONICS-L7805ACV Datasheet
108Kb / 17P
   PRECISION 1A REGULATORS
L7805ACV STMICROELECTRONICS-L7805ACV Datasheet
373Kb / 28P
   Precision 1A regulators
L7805ACV STMICROELECTRONICS-L7805ACV Datasheet
780Kb / 26P
   Precision 1 A regulators
L7805ACV STMICROELECTRONICS-L7805ACV Datasheet
2Mb / 57P
   Positive voltage regulator ICs
March 2013 Rev 31
L7805ACV STMICROELECTRONICS-L7805ACV Datasheet
1Mb / 55P
   Positive voltage regulator ICs
Rev 36 - September 2018
More results

Similar Description - L7805ACV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CD00000444 STMICROELECTRONICS-CD00000444 Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
L7808CV-DG STMICROELECTRONICS-L7808CV-DG Datasheet
1Mb / 57P
   Positive voltage regulator ICs
September 2012 Rev 30
L7824CV-DG STMICROELECTRONICS-L7824CV-DG Datasheet
2Mb / 57P
   Positive voltage regulator ICs
L7815CV-DG STMICROELECTRONICS-L7815CV-DG Datasheet
1Mb / 57P
   Positive voltage regulator ICs
L7824ABD2T STMICROELECTRONICS-L7824ABD2T Datasheet
2Mb / 57P
   Positive voltage regulator ICs
March 2013 Rev 31
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
   Positive voltage regulator ICs
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
   Positive voltage regulator ICs
L78 STMICROELECTRONICS-L78_V01 Datasheet
1Mb / 55P
   Positive voltage regulator ICs
Rev 36 - September 2018
L7812ABV-DG STMICROELECTRONICS-L7812ABV-DG Datasheet
2Mb / 57P
   Positive voltage regulator ICs
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com