Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1D18P7 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LC1D18P7
Description  TeSys??IEC-Style Contactors and Starters
Download  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC1D18P7 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LC1D18P7 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1D18P7 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1D18P7 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC1D18P7 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC1D18P7 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC1D18P7 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC1D18P7 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC1D18P7 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC1D18P7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 252 page
background image
TeSys™ IEC-Style Contactors and Starters Selection Guide
Technical Information: Product Standards
5
01/04
© 2001-2004 Schneider Electric All Rights Reserved
The manufacturer is obliged to ensure that all measures are taken to provide conformity to the
regulations of the particular Directive applicable to his product. As a general rule, the manufacturer
certifies conformity to the essential requirements of the Directive(s) for the product by affixing a CE
marking. The CE marking will be affixed to Telemecanique products progressively throughout the
transition period, as defined by the French and European regulations.
Significance of the CE marking:
• The CE marking is affixed to a product to signify that the manufacturer certifies that the product
conforms to the relevant European Directive(s) and is obligatory for a product, subject to one or more
of the European Directives, before it can be freely distributed within the European Community.
• The CE marking is intended solely for national market control authorities.
• The CE marking must not be confused with a conformity marking.
For electrical equipment, only conformity to standards signifies that the product is suitable for its
designated function, and only the guarantee of an established manufacturer can provide a high level of
quality assurance. For Telemecanique labelled products, one or several Directives are liable to be
applied, in particular:
• The Low Voltage Directive 73/23/EEC amended by the Directive 93/68/EEC: the CE marking relating
to this Directive could not be affixed before 1 January 1995 but was obligatory as of January 1, 1997.
• The Electromagnetic Compatibility Directive 89/336/EEC, amended by the Directives 92/31/EEC and
93/68/EEC: the CE marking on products covered by this Directive is obligatory from 1 January 1996.
ASEFA-LOVAG Certification
The function of ASEFA (Association des Stations d'Essais Française d'Appareils électriques —
Association of French Testing Stations for Low Voltage Industrial Electrical Equipment) is to carry out
tests for conformity to standards and to issue certificates and test reports. ASEFA laboratories are
authorized by the National Testing Network (RNE).
ASEFA is now effectively a member of the European accord group LOVAG (Low Voltage Agreement
Group). This means that any certificates issued by LOVAG/ASEFA are recognized by all the authorities
forming the membership of the group and carry the same validity as those issued by any of the member
authorities.
Quality Labels
When components can be used in domestic and similar applications, it is sometimes necessary to
obtain a “quality label,” which is a form of certification of conformity.
Approvals
In some countries, the approval of certain electrical equipment is required by law. In this case, an
approval certificate is issued by the official test authority. Each approved component must bear the
relevant quality label when this is mandatory.
Code
Quality Label
Country
CEBEC
Comité Electrotechnique Belge
Belgium
KEMA-KEUR
Keuring van Electrotechnische Materialen
Netherlands
NF-USE
Union Technique de l'Electricité
France
ÖVE
Österreichischer Verband für Electrotechnik
Austria
SEMKO
Svenska Electriska Materiel Kontrollanatalten
Sweden
Code
Approval Authority
Country
ASE
Association Suisse des Electriciens
Switzerland
CSA
Canadian Standards Association
Canada
DEMKO
Danmarks Elektriske Materielkontrol
Denmark
FI
Sähkötarkastuskeskus Elinspektions Centralen (SETI)
Finland
NEMKO
Norges Elektriske Materiellkontroll
Norway
UL
Underwriters Laboratories Inc.
USA


Similar Part No. - LC1D18P7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1D18 SCHNEIDER-LC1D18 Datasheet
971Kb / 2P
   AC/DC
LC1D18 SCHNEIDER-LC1D18 Datasheet
120Kb / 3P
   TeSys LRD - electronic thermal overload relay - 3P - 6.4...32 A
LC1D183B7 SCHNEIDER-LC1D183B7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 18 A - 24 V AC coil
LC1D183BD SCHNEIDER-LC1D183BD Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 18 A - 24 V DC coil
LC1D183BL SCHNEIDER-LC1D183BL Datasheet
157Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 18 A - 24 V DC coil
More results

Similar Description - LC1D18P7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1D18F7 ETC2-LC1D18F7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
LC1K0910F7 ETC2-LC1K0910F7 Datasheet
5Mb / 56P
   TeSys짰 IEC Contactors and Starters
logo
Telecommunication Elec...
LAD8N20 TELTRON-LAD8N20 Datasheet
372Kb / 12P
   TeSys contactors
logo
List of Unclassifed Man...
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
logo
Schneider Electric
LAD311 SCHNEIDER-LAD311 Datasheet
95Kb / 2P
   MOUNTING BRACKET, IEC CONTACTORS
Jun 7, 2022
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
   Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com