Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24T256FVM-WGE2 Datasheet(PDF) 1 Page - Rohm

Part # BR24T256FVM-WGE2
Description  High Reliability Serial EEPROMs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24T256FVM-WGE2 Datasheet(HTML) 1 Page - Rohm

  BR24T256FVM-WGE2 Datasheet HTML 1Page - Rohm BR24T256FVM-WGE2 Datasheet HTML 2Page - Rohm BR24T256FVM-WGE2 Datasheet HTML 3Page - Rohm BR24T256FVM-WGE2 Datasheet HTML 4Page - Rohm BR24T256FVM-WGE2 Datasheet HTML 5Page - Rohm BR24T256FVM-WGE2 Datasheet HTML 6Page - Rohm BR24T256FVM-WGE2 Datasheet HTML 7Page - Rohm BR24T256FVM-WGE2 Datasheet HTML 8Page - Rohm BR24T256FVM-WGE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/21
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
High Reliability Serial EEPROMs
I
2C BUS
BR24□□□□family
BR24T□□□□Series
●Description
BR24T□□□-W series is a serial EEPROM of I
2C BUS interface method
●Features
1) Completely conforming to the world standard I
2C BUS.
All controls available by 2 ports of serial clock (SCL) and serial data(SDA)
2) Other devices than EEPROM can be connected to the same port, saving microcontroller port
3) 1.7V~5.5V single power source action most suitable for battery use
4) 1.7V~5.5Vwide limit of action voltage, possible FAST MODE 400KHz action
5) Page write mode useful for initial value write at factory shipment
6) Auto erase and auto end function at data write
7) Low current consumption
8) Write mistake prevention function
Write (write protect) function added
Write mistake prevention function at low voltage
9) DIP-T8/SOP8/SOP-J8/SSOP-B8/TSSOP-B8/TSSOP-B8J/MSOP8/VSON008X2030 various packages
10) Data rewrite up to 1,000,000 times
11) Data kept for 40 years
12) Noise filter built in SCL / SDA terminal
13) Shipment data all address FFh
●BR24T series
Capacity Bit format
Type
Power source
Voltage
DIP-T8
SOP8
SOP-J8
SSOP-B8 TSSOP-B8 TSSOP-B8J
MSOP8
VSON008
X2030
1Kbit
128×8
BR24T01-W 1.7~5.5V
2Kbit
256×8
BR24T02-W 1.7~5.5V
4Kbit
512×8
BR24T04-W 1.7~5.5V
8Kbit
1K×8
BR24T08-W 1.7~5.5V
16Kbit
2K×8
BR24T16-W 1.7~5.5V
32Kbit
4K×8
BR24T32-W 1.7~5.5V
64Kbit
8K×8
BR24T64-W 1.7~5.5V
128Kbit
16K×8
BR24T128-W 1.7~5.5V
256Kbit
32K×8
BR24T256-W 1.7~5.5V
512Kbit
64K×8
BR24T512-W 1.7~5.5V
1024Kbit 128K×8
BR24T1M-W 1.7~5.5V
☆:Developing
No.11001EAT21


Similar Part No. - BR24T256FVM-WGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T256FVM-WGE2 ROHM-BR24T256FVM-WGE2	 Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T256FVM-WGE2 ROHM-BR24T256FVM-WGE2 Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
More results

Similar Description - BR24T256FVM-WGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BU9888FV-W ROHM-BU9888FV-W Datasheet
415Kb / 17P
   High Reliability Serial EEPROMs
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com