Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1D80BD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LC1D80BD
Description  contactor TeSys LC1-D - 3 poles - AC-1 1000 V 125 A - coil 240 V DC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC1D80BD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LC1D80BD Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1D80BD Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1D80BD Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Environment
Standards
CSA C22-2 No 14
EN 60947-4-1
EN 60947-5-1
IEC 60947-4-1
IEC 60947-5-1
UL 508
Product certifications
BV
CCC
CSA
DNV (Det Norske Veritas)
GL
GOST
LROS (Lloyds register of shipping)
RINA
UL
IP degree of protection
IP2x conforming to VDE 0106
IP2x conforming to IEC 60529
Protective treatment
TH (pollution degree: 3) conforming to IEC 60068
Ambient air temperature for operation
-5...60 °C
Ambient air temperature for storage
-60...80 °C
Permissible ambient air temperature around the de-
vice
-40...70 °C at Uc
Operating altitude
3000 m without derating in temperature
Fire resistance
850 °C conforming to IEC 60695-2-1
Shock resistance
8 gn contactor opened
10 gn contactor closed
Vibration resistance
2 gn 5...300 Hz contactor opened
3 gn 5...300 Hz contactor closed
RoHS EUR conformity date
0706
RoHS EUR status
Compliant


Similar Part No. - LC1D80BD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1D80B7 SCHNEIDER-LC1D80B7 Datasheet
143Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 80 A - 24 V AC 50/60 Hz coil
More results

Similar Description - LC1D80BD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1D50AG7TQ SCHNEIDER-LC1D50AG7TQ Datasheet
106Kb / 4P
   contactor TeSys LC1-D - 3 poles- AC-3 - 440 V 50 A - coil 120 V AC
Aug 11, 2019
LC1F5007M7 SCHNEIDER-LC1F5007M7 Datasheet
147Kb / 2P
   contactor TeSys LC1-F - 3 poles - 500 A - AC-3 - 440V - coil 220 V AC
LC1F4007M7 SCHNEIDER-LC1F4007M7 Datasheet
113Kb / 2P
   contactor TeSys LC1-F - 3 poles - AC-3 - 440V 400 A - coil 220 V AC
Aug 15, 2019
LC1F2657M7 SCHNEIDER-LC1F2657M7 Datasheet
117Kb / 2P
   contactor TeSys LC1-F - 3 poles - AC-3 - 440V 265 A - coil 220 V AC
Aug 15, 2019
LC1D25GD SCHNEIDER-LC1D25GD Datasheet
149Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 125 V DC coil
LC1D32GD SCHNEIDER-LC1D32GD Datasheet
149Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 125 V DC coil
LC1D096GD SCHNEIDER-LC1D096GD Datasheet
124Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 125 V DC coil
LC1D326GD SCHNEIDER-LC1D326GD Datasheet
148Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 125 V DC coil
LC1D80004U5 SCHNEIDER-LC1D80004U5 Datasheet
159Kb / 3P
   TeSys D contactor - 4P(4 NO) - AC-1 - <= 440 V 125 A - 240 V AC 50 Hz coil
LC1D115GD SCHNEIDER-LC1D115GD Datasheet
127Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 115 A - 125 V DC standard coil
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com