Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0525 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # 0525
Description  Omron Date Codes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

0525 Datasheet(HTML) 7 Page - Omron Electronics LLC

  0525 Datasheet HTML 1Page - Omron Electronics LLC 0525 Datasheet HTML 2Page - Omron Electronics LLC 0525 Datasheet HTML 3Page - Omron Electronics LLC 0525 Datasheet HTML 4Page - Omron Electronics LLC 0525 Datasheet HTML 5Page - Omron Electronics LLC 0525 Datasheet HTML 6Page - Omron Electronics LLC 0525 Datasheet HTML 7Page - Omron Electronics LLC 0525 Datasheet HTML 8Page - Omron Electronics LLC 0525 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
0 5 2 5
Example: 0525= June 13-17, 2005
The
Year
Of
The
Decade
0-9
Week:
(2005)
Week
DATE
Week
DATE
1
2
8
11
13
20
2
9
15
12
20
26
3
16
22
13
27
2
4
23
29
14
3
9
5
1
5
15
10
15
6
6
12
16
17
23
7
13
19
17
24
30
8
20
26
18
1
7
9
27
5
19
8
14
10
6
12
20
15
21
Method E
See attached
spreadsheet for full
Julian weeks listing.


Similar Part No. - 0525

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
0525 OMRON-0525 Datasheet
147Kb / 9P
   Omron Date Codes
logo
Weidmuller
0525500000 WEIDMULLER-0525500000 Datasheet
102Kb / 1P
   Fuse terminals
0525500000 WEIDMULLER-0525500000 Datasheet
1Mb / 52P
   SAK-series
logo
Molex Electronics Ltd.
0525570570 MOLEX7-0525570570 Datasheet
400Kb / 6P
   0.80mm (.031") Pitch FFC/FPC Connector, SMT, Right Angle, Non-ZIF, Dual ContactStyle Receptacle, 5 Circuits, Lead-free
0525570770 MOLEX7-0525570770 Datasheet
400Kb / 6P
   0.80mm (.031") Pitch FFC/FPC Connector, SMT, Right Angle, Non-ZIF, Dual ContactStyle Receptacle, 7 Circuits, Lead-free
More results

Similar Description - 0525

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SS-01GL-3 OMRON-SS-01GL-3 Datasheet
147Kb / 9P
   Omron Date Codes
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
   Date Printer
logo
Grayhill, Inc
26ASD22 GRAYHILL-26ASD22 Datasheet
166Kb / 1P
   AVAILABLE CODES
logo
Omron Electronics LLC
XS2F-D421-D80-F OMRON-XS2F-D421-D80-F Datasheet
147Kb / 9P
   The vast majority of Omron ECB products use the date code as shown in Method A (next slide).
logo
EPCOS
B72220S EPCOS-B72220S Datasheet
174Kb / 1P
   Material Date Sheet
logo
Omron Electronics LLC
D6B-2 OMRON-D6B-2 Datasheet
147Kb / 9P
   The vast majority of Omron ECB products use the date code as shown in Method A (next slide).
AOTBA-01 OMRON-AOTBA-01 Datasheet
3Mb / 4P
   OMRON ELECTRONIC COMPONENTS LLC
logo
Alcoa international inc...
99-5414 ALCOA-99-5414 Datasheet
153Kb / 2P
   NOSE ASSEMBLY DATE SHEET
logo
Texas Instruments
TCM4910 TI-TCM4910 Datasheet
1Mb / 18P
[Old version datasheet]   PCM U-LOW COMPANDING CODES
logo
Freescale Semiconductor...
MC68HCP11E1CFNE3 FREESCALE-MC68HCP11E1CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family Date Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com