Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRD12 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LRD12
Description  TeSys짰 IEC Contactors and Starters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LRD12 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button LRD12 Datasheet HTML 2Page - List of Unclassifed Manufacturers LRD12 Datasheet HTML 3Page - List of Unclassifed Manufacturers LRD12 Datasheet HTML 4Page - List of Unclassifed Manufacturers LRD12 Datasheet HTML 5Page - List of Unclassifed Manufacturers LRD12 Datasheet HTML 6Page - List of Unclassifed Manufacturers LRD12 Datasheet HTML 7Page - List of Unclassifed Manufacturers LRD12 Datasheet HTML 8Page - List of Unclassifed Manufacturers LRD12 Datasheet HTML 9Page - List of Unclassifed Manufacturers LRD12 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
www.schneider-electric.us
18-6
© 2009 Schneider Electric
All Rights Reserved
Contactors
TeSys® D 3- and 4-Pole Reversing, AC or DC Operating Coil
Refer to Catalog 8502CT9901
Each 3-pole device is pre-wired with line and load side power wiring for reversing applications.
Each 4-pole device is pre-wired with load side power wiring
TeSys D contactor accessories . . . . . . . . . . . . . . . . . . . . pages 18-8 to 18-11
TeSys D overload relay accessories . . . . . . . . . . . . . . . . . . . . . . . page 18-16
TeSys D replacement coils. . . . . . . . . . . . . . . . . . . . . . . pages 18-17 to 18-19
Dimensions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . pages 18-40 to 18-46
LC2D09
E164862
CCN NLDX
LR43364
Class 3211 04
Table 18.8:
3-Pole & 4-Pole Mechanically Interlocked Contactors
Maximum Horsepower Ratings
Maximum Current
No. of N.O.
Power
Poles
Built In Auxiliary
Contacts
(per contactor)
Catalog
Number
ab
$ Price
Single Phase
Three Phase
Inductive
AC3
Amperes
Resistive
AC1
Amperes
AC
Control
DC
Control
115 V hp
230 V hp
200 V hp
230 V hp
460 V hp
575 V hp
N.O.
N.C.
0.5
1
225
7.5
9
20
3
1
1
LC2D09c
234.00
317.00
——
———
4
1
1
LC2DT20
234.00
317.00
12
33
7.5
10
12
25
3
1
1
LC2D12c
317.00
368.00
——
———
4
1
1
LC2DT25
317.00
368.00
13
55
10
15
18
35
3
1
1
LC2D18c
344.00
400.00
——
———
32
4
1
1
LC2DT32
419.00
443.00
2
3
7.5
7.5
15
20
25
40
3
1
1
LC2D25c
374.00
436.00
——
———
4
1
1
LC2DT40
456.00
477.00
2
5
10
10
20
30
32
50
3
1
1
LC2D32c
415.00
503.00
3
5
10
10
30
30
40
60
3
1
1
LC2D40A
565.00
650.00
3
7.5
15
15
40
40
50
70
3
1
1
LC2D50A
596.00
680.00
5
10
20205050
65
80
3
1
1
LC2D65A
778.00
857.00
7.5
15
30
30
60
60
80
125
31
1
d
——
———
4
d
30
40
75
100
115
200
31
1
LC2D115 e
1165.00 1165.00
——
———
4
LC2D115004 e 1391.00 1391.00
40
50
100
125
150
200
3
1
1
LC2D150e
1598.00 1598.00
a
Use voltage codes from the “Voltage Codes” table below to complete the catalog number. For example: LC2D09G7
b
Includes mechanical interlock without electrical contacts. Installer to complete wiring for electronically interlocking contactor operating coils by utilizing
a N.C. auxiliary contact integrated in the contactor or optional LADN or LAD8N auxiliary contact block.
c
For LC2D09–LC2D32, electrical interlock can be included by adding a ”V” to the end of the catalog number (ex: LC2DO9B7V). List price adder: $5.00.
d
For these items, order two non-reversing contactors and one mechanical interlock separately. See page 18-4 and 18-14 for selection.
e
Includes mechanical interlock (Type LA9D11502) with pre-wired electrical contacts for interlocking contactor operating coils.
Table 18.9:
Coil Voltage Codes i
Contactor
Hz
24 V
48 V
110 V
120 V
125 V
208 V
220 V
240 V
250 V
440 V
480 V
600 V
AC
D09–D150
50/60
B7
E7
F7
G7
LE7
M7
U7
T7 f
X7 f
LC1D80–LC1D150
50
B5
E5
F5
M5 f
U5
———
60
B6
E6
F6
G6
L6
M6
U6
T6
X6 gf
F115, F150, F185
50 Hz
B5
E5
F5
——
M5
U5
———
60 Hz
B6
E6
F6
G6
L6
M6
U6
Q5
SC
F265, F330
40–400 Hz
B7
E7
F7
G7
L7
M7
U7
S7 j
X7
F400–F780
40–400 Hz
E7
F7
F7
L7
M7
U7
N7
X7 h
DC
D09-D32,
DT20-D258
Low Consumption
BL
EL
FL
ML
UL
———
D09–D150
BD
ED
FD
GD
MD
UD
RD
F115–F330
BD
ED
FD
GD
MD
UD
RD
F400–F780
ED
FD
GD
MD
UD
RD
f
Not available for LC1D80 - LC1D150.
g
Not available for LC1D115 or LC1D150.
h
Not available for LC1F780. The 600 V coils for the LC1F400 - LC1F630 do not include an auxiliary contact for holding circuits.
i
For additional voltage codes refer to the IEC Contactor and Starter Catalog 8502CT9901.
j
For use with F265—F330 only.
Table 18.10:
Coil Voltage Codes for AC and DC Coil Voltages for F800 (includes built-in surge suppressor)
Volts AC/DC
24
48
110
120
127
208
220
240
277
380
415
440
480
575
600
660
50/60 Hz
FW
FW
FW
MW
MW
QW
QW
QW
I12
Discount
Schedule


Similar Part No. - LRD12

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LRD12 SCHNEIDER-LRD12 Datasheet
140Kb / 4P
   TeSys LRD, thermal overload relay, 5.5 to 8 A, class 10A
LRD12 SCHNEIDER-LRD12 Datasheet
123Kb / 4P
   TeSys Deca, thermal overload relay, 5.5 to 8 A, class 10A
May 30, 2022
LRD123 SCHNEIDER-LRD123 Datasheet
145Kb / 3P
   TeSys LRD thermal overload relays - 5.5...8 A - class 10A
LRD123 SCHNEIDER-LRD123 Datasheet
115Kb / 3P
   TeSys Deca thermal overload relays - 5.5...8 A - class 10A
May 30, 2022
LRD123 SCHNEIDER-LRD123_V01 Datasheet
115Kb / 3P
   TeSys Deca thermal overload relays - 5.5...8 A - class 10A
May 30, 2022
More results

Similar Description - LRD12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
LC1D18F7 ETC2-LC1D18F7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
logo
Schneider Electric
LAD311 SCHNEIDER-LAD311 Datasheet
95Kb / 2P
   MOUNTING BRACKET, IEC CONTACTORS
Jun 7, 2022
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
   Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
9999SC2 SCHNEIDER-9999SC2 Datasheet
122Kb / 2P
   Hand Off Auto selector switch kit, NEMA 1, for contactors and starters
May 19, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com