Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1158EVM-PDK Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS1158EVM-PDK
Description  SBAU126C?밠ay 2007?밨evised May 2011
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1158EVM-PDK Datasheet(HTML) 5 Page - Texas Instruments

  ADS1158EVM-PDK Datasheet HTML 1Page - Texas Instruments ADS1158EVM-PDK Datasheet HTML 2Page - Texas Instruments ADS1158EVM-PDK Datasheet HTML 3Page - Texas Instruments ADS1158EVM-PDK Datasheet HTML 4Page - Texas Instruments ADS1158EVM-PDK Datasheet HTML 5Page - Texas Instruments ADS1158EVM-PDK Datasheet HTML 6Page - Texas Instruments ADS1158EVM-PDK Datasheet HTML 7Page - Texas Instruments ADS1158EVM-PDK Datasheet HTML 8Page - Texas Instruments ADS1158EVM-PDK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
www.ti.com
Digital Interface
The AINCOM and multiplexer bypass pins are brought to J2, as shown in Table 3. AINCOM is connected
to pin 12 on J2. An additional connection is made between J2.11 and J1.10; as a result of this connection,
if J2.11 and J2.12 are shorted, and J1.9 and J1.10 are shorted, AINCOM is grounded; if only J2.11 and
J2.12 are shorted, AINCOM is available on the EVM analog connector.
The multiplexer bypass is available at J2.13
–J2.14 (MUXOUP) and J2.15–J2.16 (MUXOUN). Shorting
these pairs of pins routes the multiplexer output back to the ADCINN and ADCINP pins through a
differential filter. Alternatively, a signal can be applied directly to ADCINN and ADCINP through the filter.
Table 3. J2
—Supplemental Analog Interface Pinout
PIN NUMBER
SIGNAL
DESCRIPTION
J2.1
–J2.2
GND
Analog ground
J2.3
A8
AIN8, ADS1258
J2.4
A9
AIN9, ADS1258
J2.5
A10
AIN10, ADS1258
J2.6
A11
AIN11, ADS1258
J2.7
A12
AIN12, ADS1258
J2.8
A13
AIN13, ADS1258
J2.9
A14
AIN14, ADS1258
J2.10
A15
AIN15, ADS1258
J2.11
J1.10
Connected to J1, pin 10
J2.12
ACOM
AINCOM, ADS1258
J2.13
ANP
ADCINP, ADS1258
J2.14
MOP
MUXOUP, ADS1258
J2.15
ANN
ADCINN, ADS1258
J2.16
MON
MUXOUN, ADS1258
3
Digital Interface
3.1
Serial Data Interface
The ADS1258EVM is designed to easily interface with multiple control platforms. Samtec part numbers
SSW-110-22-F-D-VS-K and TSM-110-01-T-DV-P provide a convenient 10-pin, dual-row, header/socket
combination at J6. This header/socket provides access to the digital control and serial data pins of the
TSC. Consult Samtec at www.samtec.com or call 1-800-SAMTEC-9 for a variety of mating connector
options.
All logic levels on J6 are 3.3V CMOS, except for the I
2C pins, which conform to 3.3V I2C rules. The
ADS1258 may run at different logic levels, as set using J4. All ADS1258 pins are therefore level-shifted.
5
SBAU126C
– May 2007 – Revised May 2011
ADS1158EVM, ADS1258EVM, ADS1158EVM-PDK, and ADS1258EVM-PDK
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated


Similar Part No. - ADS1158EVM-PDK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1158 TI-ADS1158 Datasheet
966Kb / 50P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1158 TI1-ADS1158 Datasheet
1Mb / 53P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1158IRTCR TI-ADS1158IRTCR Datasheet
966Kb / 50P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1158IRTCR TI1-ADS1158IRTCR Datasheet
1Mb / 53P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1158IRTCRG4 TI-ADS1158IRTCRG4 Datasheet
966Kb / 50P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
More results

Similar Description - ADS1158EVM-PDK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC31X2EVM TI1-DAC31X2EVM Datasheet
395Kb / 9P
[Old version datasheet]   SBOU096A?밡ovember 2010?밨evised January 2011
logo
NXP Semiconductors
Z0109MN0 NXP-Z0109MN0 Datasheet
640Kb / 17P
   4Q Triac Rev. 3 ??12 May 2011
Rev. 3-12 May 2011
logo
List of Unclassifed Man...
PMODBB ETC1-PMODBB Datasheet
78Kb / 1P
   COPURIGHT 2007 DIGILENT INC.
logo
Tyco Electronics
1-1554653-1 MACOM-1-1554653-1 Datasheet
2Mb / 1P
   LGA 2011 SOCKET
logo
List of Unclassifed Man...
TP912 ETC1-TP912 Datasheet
12Mb / 72P
   Test Tools Catalog Volume one, 2007
logo
Texas Instruments
BQ40Z60 TI-BQ40Z60_15 Datasheet
1Mb / 49P
[Old version datasheet]   SLUSAW3C ?밆ECEMBER 2014?밨EVISED JULY 2015
BQ24045 TI-BQ24045_15 Datasheet
1Mb / 38P
[Old version datasheet]   SLUS941F ?밪EPTEMBER 2009?밨EVISED MARCH 2015
BQ24075-Q1 TI-BQ24075-Q1_15 Datasheet
2Mb / 38P
[Old version datasheet]   SLUSAU3B ?밊EBRUARY 2012?밨EVISED MARCH 2012
CC-DEBUGGER TI-CC-DEBUGGER Datasheet
857Kb / 25P
[Old version datasheet]   SWRU197H?밪eptember 2010?밨evised April 2014
logo
jb Capacitors Company
JML JBCAPACITORS-JML Datasheet
535Kb / 3P
   Size may be selected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com