Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRD365 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LRD365
Description  TeSys짰 IEC Contactors and Starters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LRD365 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LRD365 Datasheet HTML 1Page - List of Unclassifed Manufacturers LRD365 Datasheet HTML 2Page - List of Unclassifed Manufacturers LRD365 Datasheet HTML 3Page - List of Unclassifed Manufacturers LRD365 Datasheet HTML 4Page - List of Unclassifed Manufacturers LRD365 Datasheet HTML 5Page - List of Unclassifed Manufacturers LRD365 Datasheet HTML 6Page - List of Unclassifed Manufacturers LRD365 Datasheet HTML 7Page - List of Unclassifed Manufacturers LRD365 Datasheet HTML 8Page - List of Unclassifed Manufacturers LRD365 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
www.schneider-electric.us
18-4
© 2009 Schneider Electric
All Rights Reserved
Contactors &
Overload Relays
TeSys® D Non-reversing
Refer to Catalog 8502CT9901
TeSys D contactor accessories . . . . . . . . . . . . . . . . . . . . pages 18-8 to 18-11
TeSys D overload relay accessories . . . . . . . . . . . . . . . . . . . . . . . page 18-16
TeSys D replacement coils. . . . . . . . . . . . . . . . . . . . . . . pages 18-17 to 18-19
Dimensions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . pages 18-40 to 18-46
TeSys T. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . pages 16-91
LC1D09
LC1D40A
LC1D093
LC1D115
LRD22
LRD3
E164862
CCN NLDX
LR43364
Class 3211 04
Table 18.1:
3- or 4-Pole Screw Terminal Connections
Maximum Horsepower Ratings
Maximum Current
Utilization
Categories
No of Poles
Instantaneous
Auxiliary
Contacts
Catalog
Number a
$ Price
Single Phase
Three Phase
Inductive
AC3
Amperes
Resistive
AC1
Amperes
N.O.
N.C.
N.O.
N.C.
115 V hp 230 V hp 200 V hp 230 V hp 460 V hp 575 V hp
AC Coils
DC Coils
0.51
2
2
57.5
9
20
3
0
11
LC1D09 cde
94.00
119.00
——
——
——
4
LC1DT20 c
94.00
119.00
——
——
——
2
2
LC1D098 c
94.00
119.00
123
3
7.5
10
12
25
3
0
11
LC1D12 cde
119.00
149.00
——
——
——
4
LC1DT25 c
119.00
149.00
——
——
——
2
2
LC1D128 c
119.00
149.00
135
5
10
15
18
32
3
0
11
LC1D18 cd
136.00
160.00
——
——
——
4
LC1DT32 c
149.00
183.00
——
——
——
2
2
LC1D188 c
149.00
183.00
2
3
7.5
7.5
15
20
25
40
3
0
11
LC1D25 cd
151.00
181.00
——
——
——
4
LC1DT40 c
193.00
240.00
——
——
——
2
2
LC1D258 c
193.00
240.00
2
5
10
10
20
30
32
50
3
0
1
1
LC1D32 cd
172.00
213.00
3
5
10
10
30
30
40
60
3
0
1
1
LC1D40A
218.00
275.00
——
——
——
4
0
0
LC1DT60A
296.00
353.00
3
7.5
15
15
40
40
50
80
3
01
1
LC1D50A
234.00
291.00
5
1020204050
65
3
LC1D65A
322.00
379.00
——
——
——
4
0
0
0
LC1DT80A
446.00
503.00
7.5
1525306060
80
125
3
0
1
1
LC1D80
363.00
420.00
——
——
——
4
00
LC1D80004 b
489.00
524.00
——
——
——
2
2
LC1D80008 b
489.00
524.00
30
40
75
100
115
200
3
0
11
LC1D115
479.00
479.00
40
50
100
125
150
3
LC1D150
696.00
696.00
4
0
0
LC1D115004
630.00
630.00
a
Complete catalog number with coil voltage code from table on page 18-6; example, LC1D09G7.
b
For DC version of these devices replace the 'C' with 'P' (ex. LC1D80004** becomes LP1D80004**). This applies only to 80A 4 pole devices.
c
On LC1D09 - LC1D65A and LC1DT20 through LC1DT80A, for ring tongue versions add '6' to the catalog number prior to adding the voltage code
(ex. LC1D09G7 becomes LC1D096G7 and LC1D50AG7 becomes LC1D50A6G7). No price adder for this modification.
d
On LC1D09 - LC1D65A, for spring terminals versions add '3' to the catalog number prior to adding the voltage code (ex. LC1D12G7 becomes
LC1D123G7 and LC1D40AG7 becomes LC1D40A3G7 - Note that 40A to 65A spring terminals are only on the control terminations and not on power
terminations). No price adder for this modification.
e
On LC1D09 and LC1D12 only, for slip-on connector versions add "9" to the catalog number prior to adding the voltage code (ex. LC1D09G7 becomes
LC1D099G7). No price adder for this modification.
Table 18.2:
TeSys D Overload Relays — Ambient Compensated, Bi-Metallic Direct Mount
Current Setting
Range Amperes
For Direct Mounting
to LC1
...
Class 10 with
Single Phase
Sensitivity
Class 10 without
Single Phase
Sensitivity
Class 20 with
Single Phase
Sensitivity
Class 20 without
Single Phase
Sensitivity
$ Price
0.10–0.16
D09–D32
LRD01
LR3D01
——
60.00
0.16–0.25
LRD02
LR3D02
——
0.25–0.40
LRD03
LR3D03
——
0.40–0.63
LRD04
LR3D04
——
0.63–1
LRD05
LR3D05
——
1–1.6
LRD06
LR3D06
——
1.6–2.5
LRD07
LR3D07
——
2.5–4
LRD08
LR3D08
LRD1508
LR3D1508A1
4–6
LRD10
LR3D10
LRD1510
LR3D1510A1
5.5–8
D09–D32
LRD12
LR3D12
LRD1512
LR3D1512A1
62.00
7–10
D09–D32
LRD14
LR3D14
LRD1514
LR3D1514A1
9–13
D12–D32
LRD16
LR3D16
LRD1516
LR3D1516A1
12–18
D18–D32
LRD21
LR3D21
LRD1521
LR3D1521A1
16–24
D25–D32
LRD22
LR3D22
——
17–25
D25–D32
LRD1522
LR3D1522A1
23–32
D25–D32
LRD32
LR3D32
——
73.00
23–28
D25–D32
LRD1530
LR3D1530A1
25–32
D25–D32
LRD1532
LR3D1532A1
30–38
D32
LRD35
LR3D35
——
9-13
D40A-D65A f
LRD313
LR3D313
LRD313L
107.00
12-18
D40A-D65A f
LRD318
LR3D318
LRD318L
16-25
D40A-D65A f
LRD325
LR3D325
LRD325L
23-32
D40A-D65A f
LRD332
LR3D332
LRD332L
30-40
D40A-D65A f
LRD340
LR3D340
LRD340L
37-50
D40A-D65A f
LRD350
LR3D350
LRD350L
48-65
D40A-D65A f
LRD365
LR3D365
LRD365L
17-25
D40-D80 g
LRD3322
LR3D3322
LR2D3522
LR3D3522
107.00
23-32
D40-D80 g
LRD3353
LR3D3353
LR2D3553
LR3D3553
30-40
D40-D80 g
LRD3355
LR3D3355
LR2D3555
LR3D3555
37-50
D50-D80 g
LRD3357
LR3D3357
LR2D3557
LR3D3557
48-65
D50-D80 g
LRD3359
LR3D3359
LR2D3559
LR3D3559
55–70
D65–D80
LRD3361
LR3D3361
LR2D3561
LR3D3561
127.00
63–80
D65–D80
LRD3363
LR3D3363
LR2D3563
LR3D3563
80–104
D80
LRD3365
——
80–104
D115–D150
LRD4365
——
362.00
95–120
D115–D150
LRD4367
——
110–140
D150
LRD4369
——
f
Overload relays with Everlink termination - direct mount to D40A to D65A only.
g
Direct mount to old D2 style D40 to D65 (no Everlink terminations) and to D80 only.
I12
Discount
Schedule


Similar Part No. - LRD365

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LRD365 SCHNEIDER-LRD365 Datasheet
115Kb / 3P
   TeSys LRD, thermal overload relay, 48 to 65 A, class 10A, EVERLINK
LRD365 SCHNEIDER-LRD365 Datasheet
129Kb / 3P
   TeSys Deca, thermal overload relay, 48 to 65 A, class 10A, EVERLINK
May 25, 2022
LRD3653 SCHNEIDER-LRD3653 Datasheet
116Kb / 2P
   TeSys LRD thermal overload relays - 48...65 A - class 10A
Aug 10, 2019
LRD3656 SCHNEIDER-LRD3656 Datasheet
131Kb / 3P
   TeSys LRD thermal overload relays - 48...65 A - class 10A
LRD3656 SCHNEIDER-LRD3656 Datasheet
131Kb / 3P
   TeSys Deca thermal overload relays - 48...65 A - class 10A
May 30, 2022
More results

Similar Description - LRD365

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
LC1D18F7 ETC2-LC1D18F7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
logo
Schneider Electric
LAD311 SCHNEIDER-LAD311 Datasheet
95Kb / 2P
   MOUNTING BRACKET, IEC CONTACTORS
Jun 7, 2022
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
   Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
9999SC2 SCHNEIDER-9999SC2 Datasheet
122Kb / 2P
   Hand Off Auto selector switch kit, NEMA 1, for contactors and starters
May 19, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com