Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAR3690NE Datasheet(PDF) 9 Page - Dynex Semiconductor

Part # MAR3690NE
Description  1553B Bus Controller/Remote Terminal
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAR3690NE Datasheet(HTML) 9 Page - Dynex Semiconductor

Back Button MAR3690NE Datasheet HTML 5Page - Dynex Semiconductor MAR3690NE Datasheet HTML 6Page - Dynex Semiconductor MAR3690NE Datasheet HTML 7Page - Dynex Semiconductor MAR3690NE Datasheet HTML 8Page - Dynex Semiconductor MAR3690NE Datasheet HTML 9Page - Dynex Semiconductor MAR3690NE Datasheet HTML 10Page - Dynex Semiconductor MAR3690NE Datasheet HTML 11Page - Dynex Semiconductor MAR3690NE Datasheet HTML 12Page - Dynex Semiconductor MAR3690NE Datasheet HTML 13Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
MA3690/1/3
9/41
PASSIVE MONITOR
The terminal may be configured into a Passive Monitor (or
Bus Monitor) merely by selecting the appropriate Function
Code of the Instruction word. By doing this the terminal will not
take part in any further Instruction execution but instead will
monitor the selected bus for data transmissions.
INTERRUPT / RETRY CAPABILITY
The terminal has certain in-built functions which permit the
terminal to retrieve situations which would normally cause a
greater degree of subsystem intervention. This is achieved by
having an automatic retry facility in-built to the terminal which
is selectable from the Instruction word. In this case both the
condition and number of attempts for which the terminal must
try may be specified. After completion of the required number
of attempts, terminal operation may be halted with the
possibility of an interrupt generated also.
The interrupt facility provides a means of more direct
subsystem interaction in the event of a failure. Similar flags are
required to be set in the Instruction word before a selectable
interrupt may be generated. This form of interrupt also includes
an Interrupt Always flag whose application may be used to
determine subsystem/system timing requirements.
It should be noted that an interrupt may also be generated
by the error checking procedures of the terminal which verify
aspects of the Instruction word and associated Receive/
Transmit command words.
STANDBY BUS CONTROLLER
The terminal provides a number of signals to the
subsystem for message addressing and execution. Two
address lines are provided (CO, Cl) plus a signal to increment
an external counter (INCADRN). This, together with the on-
chip sequencing, error checking, etc., enables a standby bus
controller, using a fixed table of messages, to be realised in
few devices as shown in Figure 2. It is therefore possible to
attain a standby BC on a single 6 x 4 PCB card.
Figure 2: Standby Bus Controller


Similar Part No. - MAR3690NE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MAR ILLINOISCAPACITOR-MAR Datasheet
229Kb / 3P
   Small size ??Good dvdt ??Medium current
logo
TT Electronics.
MAR TTELEC-MAR Datasheet
410Kb / 2P
   very low tcrs
logo
Mini-Circuits
MAR-1 MINI-MAR-1 Datasheet
239Kb / 4P
   Monolithic Amplifier
MAR-1SM MINI-MAR-1SM Datasheet
209Kb / 1P
   MONOLITHIC AMPLIFIERS 50 Ohm
MAR-2SM MINI-MAR-2SM Datasheet
209Kb / 1P
   MONOLITHIC AMPLIFIERS 50 Ohm
More results

Similar Description - MAR3690NE

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
   CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
   CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
   CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1995 AEROFLEX-CT1995 Datasheet
277Kb / 25P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
   Core1553BBC MIL-STD-1553B Bus Controller
logo
List of Unclassifed Man...
UT1553B ETC1-UT1553B Datasheet
1Mb / 52P
   BCRT Bus Controller/Remote Terminal/Monitor
logo
Aeroflex Circuit Techno...
ACT3492 AEROFLEX-ACT3492 Datasheet
360Kb / 49P
   MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
CT2542 AEROFLEX-CT2542 Datasheet
313Kb / 17P
   CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
logo
ATMEL Corporation
AT7913E ATMEL-AT7913E_14 Datasheet
1Mb / 26P
   SpaceWire Remote Terminal Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com