Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5508-T2 Datasheet(PDF) 11 Page - NEC

Part # 2SC5508-T2
Description  NPN SILICON RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5508-T2 Datasheet(HTML) 11 Page - NEC

Back Button 2SC5508-T2 Datasheet HTML 7Page - NEC 2SC5508-T2 Datasheet HTML 8Page - NEC 2SC5508-T2 Datasheet HTML 9Page - NEC 2SC5508-T2 Datasheet HTML 10Page - NEC 2SC5508-T2 Datasheet HTML 11Page - NEC 2SC5508-T2 Datasheet HTML 12Page - NEC 2SC5508-T2 Datasheet HTML 13Page - NEC 2SC5508-T2 Datasheet HTML 14Page - NEC 2SC5508-T2 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary Data Sheet P13865EJ1V0DS00
11
2SC5508
VCE = 2 V, IC = 10 mA
Γopt
f
(GHz)
NFmin
(dB)
Ga
(dB)
MAG.
ANG.
Rn/50
0.8
0.9
1.0
1.5
1.8
1.9
2.0
2.5
1.28
1.29
1.30
1.37
1.41
1.43
1.44
1.51
23.7
23.0
22.3
19.3
17.8
17.3
16.9
15.3
0.07
0.07
0.08
0.13
0.16
0.17
0.19
0.25
–159.4
–157.5
–155.7
–149.2
–146.1
–145.0
–143.9
–136.7
0.13
0.13
0.13
0.13
0.13
0.13
0.13
0.13
VCE = 2 V, IC = 20 mA
Γopt
f
(GHz)
NFmin
(dB)
Ga
(dB)
MAG.
ANG.
Rn/50
0.8
0.9
1.0
1.5
1.8
1.9
2.0
2.5
1.59
1.61
1.63
1.72
1.78
1.79
1.81
1.90
24.5
23.7
23.0
19.9
18.3
17.9
17.5
15.8
0.26
0.26
0.27
0.30
0.33
0.34
0.35
0.40
–158.1
–155.5
–153.1
–142.6
–137.3
–135.7
–134.1
–126.5
0.12
0.13
0.13
0.14
0.15
0.06
0.16
0.18


Similar Part No. - 2SC5508-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5508-T2 RENESAS-2SC5508-T2 Datasheet
229Kb / 10P
   NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
2SC5508-T2-A RENESAS-2SC5508-T2-A Datasheet
229Kb / 10P
   NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
2SC5508-T2B RENESAS-2SC5508-T2B Datasheet
229Kb / 10P
   NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
2SC5508-T2B-A RENESAS-2SC5508-T2B-A Datasheet
229Kb / 10P
   NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
More results

Similar Description - 2SC5508-T2

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5507 NEC-2SC5507 Datasheet
91Kb / 12P
   NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
NE661M04 NEC-NE661M04 Datasheet
70Kb / 7P
   NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
2SC5761 NEC-2SC5761 Datasheet
81Kb / 14P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE & HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
logo
California Eastern Labs
NESG3031M05-T1-A CEL-NESG3031M05-T1-A Datasheet
673Kb / 9P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)
logo
Renesas Technology Corp
2SC5508 RENESAS-2SC5508 Datasheet
229Kb / 10P
   NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
2SC5606 RENESAS-2SC5606 Datasheet
201Kb / 9P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
logo
NEC
2SC5436 NEC-2SC5436 Datasheet
77Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR ULTRA SUPER MINI MOLD FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5183 NEC-2SC5183 Datasheet
60Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5178 NEC-2SC5178 Datasheet
82Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5606 NEC-2SC5606 Datasheet
68Kb / 6P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com