Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF07WBP-3S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LF07WBP-3S
Description  Miniature Waterproof Shielded Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LF07WBP-3S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LF07WBP-3S Datasheet HTML 1Page - List of Unclassifed Manufacturers LF07WBP-3S Datasheet HTML 2Page - List of Unclassifed Manufacturers LF07WBP-3S Datasheet HTML 3Page - List of Unclassifed Manufacturers LF07WBP-3S Datasheet HTML 4Page - List of Unclassifed Manufacturers LF07WBP-3S Datasheet HTML 5Page - List of Unclassifed Manufacturers LF07WBP-3S Datasheet HTML 6Page - List of Unclassifed Manufacturers LF07WBP-3S Datasheet HTML 7Page - List of Unclassifed Manufacturers LF07WBP-3S Datasheet HTML 8Page - List of Unclassifed Manufacturers LF07WBP-3S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LF SeriesqMiniature Waterproof Shielded Connectors
C
E
D
qRear panel mount type · Through hole Type
Unit:mm
Part number
CL No.
Contact
Number of contacts
ØA
ØB
ØC
C
D
E
Weight
LF10WBRB-12PD
LF10WBRB-12SD
136-1015-1-00
136-1016-4-00
Male
Female
12
12.8
18.3
17.5
17
M14∞0.75
10g
sJacks
C
Part number
CL No.
Contact
Number of contacts
ØA
ØB
C
ØD
Weight
LF07WBJ-3P
LF07WBJ-3S
LF07WBJ-6P
LF07WBJ-6S
LF10WBJ-4P
LF10WBJ-4S
LF10WBJ-12P
LF10WBJ-12S
LF13WBJ-20P
LF13WBJ-20S
LF13WBJ-11P
LF13WBJ-11S
136-2003-8
136-2004-0
136-2001-2
136-2002-5
136-2005-3
136-2006-6
136-2007-9
136-2008-1
136-2009-4
136-2010-3
136-2011-6
136-2012-9
Male
Female
Male
Female
Male
Female
Male
Female
Male
Female
Male
Female
3
6
4
12
20
11
10.3
12.8
15.9
11.5
13.8
16.9
36.3
42.4
52.4
5.0
7.3
8.7
11g
16g
29g
30g
29g
30g
Unit:mm
(Shown one example)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - LF07WBP-3S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
LF07WBP-3S HIROSE-LF07WBP-3S Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
More results

Similar Description - LF07WBP-3S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com