Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF10WBP-4S Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # LF10WBP-4S
Description  Miniature Waterproof Shielded Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LF10WBP-4S Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button LF10WBP-4S Datasheet HTML 6Page - List of Unclassifed Manufacturers LF10WBP-4S Datasheet HTML 7Page - List of Unclassifed Manufacturers LF10WBP-4S Datasheet HTML 8Page - List of Unclassifed Manufacturers LF10WBP-4S Datasheet HTML 9Page - List of Unclassifed Manufacturers LF10WBP-4S Datasheet HTML 10Page - List of Unclassifed Manufacturers LF10WBP-4S Datasheet HTML 11Page - List of Unclassifed Manufacturers LF10WBP-4S Datasheet HTML 12Page - List of Unclassifed Manufacturers LF10WBP-4S Datasheet HTML 13Page - List of Unclassifed Manufacturers LF10WBP-4S Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LF SeriesqMiniature Waterproof Shielded Connectors
No.
4
Soldering
1
Insulator
Contact
Wire
Cmm
Heat-shrink tubing
– 1
2
3
2
– 2 3, 4, 11
(No.A∼D) Conductors
2
3
Insulator
Insulator wall
Insulator
0.5 mm min.
Wire insulation
– 2
Wire insulation
Shielding mesh
(Folded back)
Insulator wall
Contact
Contact
Solder
D
Cable outer jacket
After the soldering, keep a distance of
D
between the contact end and the cable’s
outer jacket as illustrated.
Soldering conditions
Soldering iron tip temperature: 350±10ç
Soldering time: within 5 sec.
Notes
(1)
(2)
Assure that the solder compound is
sufficiently melted on the soldering iron tip.
When applying, make sure that the solder will
flow correctly at all the contact surfaces
between the conductor and the contact.
2 – 1 6, 12, 20, 11(No.1∼7) Conductors
(1)
(2)
(3)
Place a heat-shrink tubing (inside diameter of
1.1 mm min.) over every other wire.
Perform the soldering of the contact and the
conductor, with the wire’s insulation touching
the contact as shown.
After soldering, slide the heat shrink tubing
over the soldered joint and shrink it. The
tubing should touch the insulator as shown.
(1)
(2)
Perform the soldering of the contact and the
conductor, with the wire’s insulation touching
the contact as illustrated.
When soldering, to maintain the insulation
between adjacent contacts. Make sure that
the wire’s insulation remains below the edge
of the insulator’s wall 0.5 mm min., as
illustrated.
Note
The distance of
D is required in order to
assure correct assembly of the backshell.
Illustration
Operation
Number of Conductors
3
6
D mm
6 to 7
4
18 to 19
12
10 to 11
13 to 14
11
20
Table 4. Wire Dimensions
C mm
12
6
4
4
6
4
6
6
4
1 to 6
1 to 9
10 to 12
1 to 5,16 to 20
6 to 15
1 to 4
5 to 7
20
11
Table 3 Heat shrink tubing Dimensions
Number of
Conductors
Number of
contacts
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - LF10WBP-4S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
LF10WBP-4S HIROSE-LF10WBP-4S Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
More results

Similar Description - LF10WBP-4S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com