Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP128GAS203-1 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AP128GAS203-1
Description  Serial ATA Flash Drive
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP128GAS203-1 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AP128GAS203-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP128GAS203-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP128GAS203-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP128GAS203-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP128GAS203-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP128GAS203-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers AP128GAS203-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP128GAS203-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers AP128GAS203-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Serial ATA Flash Drive
APXXXXGAS203-X
1.6
Pin Assignments
Table 1-3 describes AS203 signal segment, and Table1-4, its power segment.
Figure 1-2 SATA Connectors
Table 1-3: Signal segment
Table 1-4: Power segment
Name
Type
Description
Pin
Signal/Description
S1
GND
P1
Not used (3.3V)
S2
RxP
P2
Not used (3.3V)
S3
RxN
Serial Data Receiver
P3
Not used (3.3V)
S4
GND
P4
Ground
S5
TxN
P5
Ground
S6
TxP
Serial Data Transmitter
P6
Ground
S7
GND
P7
5V Pre-Charge
P8
5V
P9
5V
P10
Ground
P11
Reserved
P12
Ground
P13
Not used (12V Pre-Charge)
P14
Not used (12V)
P15
Not used (12V)
5
© 2011 Apacer Technology Inc.
Rev. 1.0


Similar Part No. - AP128GAS203-1

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
AP1280AMP A-POWER-AP1280AMP_14 Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
AP1280AMP A-POWER-AP1280AMP_16 Datasheet
375Kb / 7P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
More results

Similar Description - AP128GAS203-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
APSDM008GM5AN-PCM ETC2-APSDM008GM5AN-PCM Datasheet
308Kb / 21P
   Serial ATA Flash Drive
APS25P6B008G-5T ETC2-APS25P6B008G-5T Datasheet
387Kb / 19P
   Serial ATA Flash Drive
APS25P6B032G-CT ETC2-APS25P6B032G-CT Datasheet
293Kb / 21P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM_14 Datasheet
760Kb / 21P
   Serial ATA Flash Drive
AP-SAFD255AA008GS-T ETC2-AP-SAFD255AA008GS-T Datasheet
340Kb / 19P
   Serial ATA Flash Drive
PS18P6A008G-5TWL ETC2-PS18P6A008G-5TWL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-CT ETC2-APS18P6A008G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A016G-CCM ETC2-APS18P6A016G-CCM Datasheet
245Kb / 21P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com