Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15-91-3660 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 15-91-3660
Description  2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 66 Circuits, 0.76關m Gold (Au) Selective Plating, without PCB Locator Pegs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

15-91-3660 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  15-91-3660 Datasheet HTML 1Page - Molex Electronics Ltd. 15-91-3660 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/07/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
15-91-3660
Status:
Active
Overview:
C-Grid® Products
Description:
2.54mm Pitch C-Grid® Header, Surface Mount, Dual Row, Vertical, 66 Circuits, 0.76µm
Gold (Au) Selective Plating, without PCB Locator Pegs
Documents:
3D Model
Product Specification PS-71308 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
71308
Application
Board-to-Board, Signal, Wire-to-Board
Overview
C-Grid® Products
Product Name
C-Grid®
UPC
800753977976
Physical
Breakaway
Yes
Circuits (Loaded)
66
Circuits (maximum)
66
Color - Resin
Black
Durability (mating cycles max)
50
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
3.788/g
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface
2.54mm
Plating min - Mating
0.762µm
Plating min - Termination
1.905µm
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
30
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
71308Series


Similar Part No. - 15-91-3660

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-91-3600 MOLEX9-15-91-3600 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 60 Circuits, 0.76關m Gold (Au) Selective Plating, without PCB Locator Pegs
15-91-3620 MOLEX9-15-91-3620 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 62 Circuits, 0.76關m Gold (Au) Selective Plating, without PCB Locator Pegs
15-91-3640 MOLEX9-15-91-3640 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 64 Circuits, 0.76關m Gold (Au) Selective Plating, without PCB Locator Pegs
15-91-3680 MOLEX9-15-91-3680 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 68 Circuits, 0.76關m Gold (Au) Selective Plating, without PCB Locator Pegs
More results

Similar Description - 15-91-3660

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015913660 MOLEX2-0015913660 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 66 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, without PCB Locator Pegs
15-91-1663 MOLEX11-15-91-1663 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 66 Circuits, 0.76關m Gold (Au) Selective Plating, with 3.30mm PCB Locator Pegs
15-91-3180 MOLEX5-15-91-3180 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 18 Circuits, 0.76關m Gold (Au) Selective Plating, without PCB Locator Pegs
15-91-3200 MOLEX5-15-91-3200 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 20 Circuits, 0.76關m Gold (Au) Selective Plating, without PCB Locator Pegs
15-91-3580 MOLEX9-15-91-3580 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 58 Circuits, 0.76關m Gold (Au) Selective Plating, without PCB Locator Pegs
15-91-3260 MOLEX7-15-91-3260 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 26 Circuits, 0.76關m Gold (Au) Selective Plating, without PCB Locator Pegs
15-91-3640 MOLEX9-15-91-3640 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 64 Circuits, 0.76關m Gold (Au) Selective Plating, without PCB Locator Pegs
15-91-3740 MOLEX9-15-91-3740 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 74 Circuits, 0.76關m Gold (Au) Selective Plating, without PCB Locator Pegs
15-91-3500 MOLEX9-15-91-3500 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 50 Circuits, 0.76關m Gold (Au) Selective Plating, without PCB Locator Pegs
15-91-3340 MOLEX9-15-91-3340 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 34 Circuits, 0.76關m Gold (Au) Selective Plating, without PCB Locator Pegs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com