Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FKBL402 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # FKBL402
Description  FAST RECOVERY BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FKBL402 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  FKBL402 Datasheet HTML 1Page - EIC discrete Semiconductors FKBL402 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FKBL400 - FKBL410
FAST RECOVERY
BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 2.0 Amperes
FEATURES :
* High case dielectric strength of 2000 V DC
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
* Ideal for printed circuit board
MECHANICAL DATA :
* Case : Reliable low cost construction
utilizing molded plastic technique
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per
MIL - STD 202 , Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 5.15 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
FKBL
400
FKBL
401
FKBL
402
FKBL
404
FKBL
406
FKBL
408
FKBL
410
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Current
Tc = 50
°C
IF(AV)
4.0
Amps.
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
IFSM
150
Amps.
Rating for fusing
( t < 8.3 ms. )
I
2t
166
A
2S
Maximum Forward Voltage drop per Diode at IF = 4.0 Amps.
VF
1.4
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100 °C
IR(H)
1.0
mA
Maximum Reverse Recovery Time (Note 1)
Trr
150
250
500
ns
Typical Thermal Resistance per Diode (Note 2)
R
θJC
3.3
°C/W
Operating Junction Temperature Range
TJ
- 50 to + 150
°C
Storage Temperature Range
TSTG
- 50 to + 150
°C
Notes :
1 ) Measured with IF = 0.5 Amp., IR = 1 Amp., Irr = 0.25 Amp.
2 ) Thermal resistance from Junction to case with mounted on a 2.0" X 1.6"x 0.3" ( 5 cm. x 4 cm. x 0.8cm ) Al. Plate.
UPDATE : APRIL 21, 1998
RATING
0.085 (2.16)
0.065 (1.65)
KBL
0.77 (19.56)
0.73 (18.54)
0.265 (6.73 )
0.235 (5.97)
0.200 (5.08)
0.190 (4.82)
0.052 (1.32)
0.048 (1.22)
Dimensions in inches and ( millimeter )
+ AC AC
0.825 (20.95)
0.605 (15.36)
1.00 (25.4)
MIN.


Similar Part No. - FKBL402

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FKBL402 EIC-FKBL402 Datasheet
52Kb / 2P
   FAST RECOVERY
FKBL402 EIC-FKBL402 Datasheet
93Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
Rev. 03 : August 20, 2012
More results

Similar Description - FKBL402

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FBR2500 EIC-FBR2500 Datasheet
20Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR600 EIC-FBR600 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR3500W EIC-FBR3500W Datasheet
49Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR800 EIC-FBR800 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR5000 EIC-FBR5000_V01 Datasheet
81Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
Rev. 03:November 20, 2008
logo
Dongguan City Niuhang E...
RYBS80005 NIUHANG-RYBS80005 Datasheet
234Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
logo
Central Semiconductor C...
PDN01090 CENTRAL-PDN01090 Datasheet
286Kb / 4P
   Bridge Rectifiers, Fast Recovery
logo
EIC discrete Semiconduc...
FBR1500 EIC-FBR1500 Datasheet
43Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FKBP200 EIC-FKBP200 Datasheet
21Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR2500 EIC-FBR2500_V01 Datasheet
81Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
Rev. 03:November 20, 2008
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com