Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QA51K13GAU Datasheet(PDF) 2 Page - Panasonic Battery Group

Part # QA51K13GAU
Description  MATSUSHITA Compressor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

QA51K13GAU Datasheet(HTML) 2 Page - Panasonic Battery Group

  QA51K13GAU Datasheet HTML 1Page - Panasonic Battery Group QA51K13GAU Datasheet HTML 2Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions*
mm
inches
A . . . . . . . . . . . . . . . . . . . . . 188.8 . . . . . . . . . . . . . . . . . . . 7.43
B . . . . . . . . . . . . . . . . . . . . . 73.0 . . . . . . . . . . . . . . . . . . . . 2.87
C . . . . . . . . . . . . . . . . . . . . . 115.8 . . . . . . . . . . . . . . . . . . . 4.56
D . . . . . . . . . . . . . . . . . . . . . 77.0 . . . . . . . . . . . . . . . . . . . . 3.03
E . . . . . . . . . . . . . . . . . . . . . 62.2 . . . . . . . . . . . . . . . . . . . . 2.45
F . . . . . . . . . . . . . . . . . . . . . 77.0 . . . . . . . . . . . . . . . . . . . . 3.03
* All dimensions are for reference only
Tubes
Tube O.D.
Wall
Material
Suction . . . . . . . . . . 0.39 in. / 10 mm
0.035 in. / 0.9 mm
Copper
Process . . . . . . . . . 0.39 in. / 10 mm
0.035 in. / 0.9 mm
Copper
Discharge . . . . . . . . 0.33 in. / 8.3 mm
0.035 in. / 0.9 mm
Copper
U.L. File # . . . . . . . . . SA 4615
C.S.A. File #’s . . . . . . LR - 34080
LR - 36593
LR - 100738
General Data Oil Charge . . 250 cc ± 5 cc / 15.3 cu.in. ± 0.3 cu.in.
Net Weight With Oil . . . . . . . . . . . . 18.7 lbs, 8.5 kg
Approved Oils . . . . . . . . . . . . . . . . . . FREOL
α 22
Residual Moisture . . . . . . . . . . . . . . . 120 mg max.
Impurities . . . . . . . . . . . . . . . . . . . . . . 10 mg max.
Displacement . . . . . . . . . . . 5.10 cc. / 0.311 cu. in.
Panasonic Industrial Company
Refrigeration Products Department
Tel: 201 - 392 - 4249
Fax: 201 - 392 - 4315
Rev#1-5/9
This document sets forth certain operational parameters and conditions for
operation of this product. If this product is operated outside of the parameters
and conditions stated herein, buyer assumes sole and full responsibility and
shall indemnify seller with respect to all product failures and all consequences
thereof. Operation of the product outside of the parameters and conditions
specified herein shall serve to invalidate all seller warranties, if any, with respect
to the product. This document is for reference only. For specifications, please
contact Panasonic’s engineering department.
MATSUSHITA Compressor
Single Phase
115 V
MODEL# QA51K13GAU6
R-134a
60 Hz
Panasonic®
Compressor
Motor
Motor Protector
M
C
S
~
2
1
2
3
R.S.I.R.
PTC Relay
Tube
Discharge
Suction Tube
Process or
4 holes
19mm (0.75") DIA
(3.46")
88mm
F
B
A
C
D
E
12.2mm (0.48")
(3.46")
88mm
(4.92")
125mm
(5.18")
131.6mm
(4.00")
101.6mm
(3.50")
89mm
205.1mm (8.07")
165.1mm (6.50")
(2.13")
54mm
(3.50")
84mm
Process or
Suction Tube
184mm DIA
(7.24")


Similar Part No. - QA51K13GAU

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
QA5-573-P ASTRODYNE-QA5-573-P Datasheet
2Mb / 6P
   375W Quad Output with PFC Function
More results

Similar Description - QA51K13GAU

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
QA125K29GAU PANASONICBATTERY-QA125K29GAU Datasheet
68Kb / 2P
   MATSUSHITA Compressor
QA91K22GAU PANASONICBATTERY-QA91K22GAU Datasheet
68Kb / 2P
   MATSUSHITA Compressor
QA110K27GAU PANASONICBATTERY-QA110K27GAU Datasheet
66Kb / 2P
   MATSUSHITA Compressor
QA66K16GAU PANASONICBATTERY-QA66K16GAU Datasheet
65Kb / 2P
   MATSUSHITA Compressor
QA125K29CAU PANASONICBATTERY-QA125K29CAU Datasheet
67Kb / 2P
   MATSUSHITA Compressor
QA77K19GAU PANASONICBATTERY-QA77K19GAU Datasheet
66Kb / 2P
   MATSUSHITA Compressor
QA110K27CAU PANASONICBATTERY-QA110K27CAU Datasheet
68Kb / 2P
   MATSUSHITA Compressor
QA43K11GAU PANASONICBATTERY-QA43K11GAU Datasheet
66Kb / 2P
   MATSUSHITA Compressor
SB30C50GAU PANASONICBATTERY-SB30C50GAU Datasheet
49Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
DHS51C73RAU PANASONICBATTERY-DHS51C73RAU Datasheet
50Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com