Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP-FD25B20A0032GS-ET Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AP-FD25B20A0032GS-ET
Description  ATA Flash Drive 255
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-FD25B20A0032GS-ET Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AP-FD25B20A0032GS-ET Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-FD25B20A0032GS-ET Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-FD25B20A0032GS-ET Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-FD25B20A0032GS-ET Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-FD25B20A0032GS-ET Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-FD25B20A0032GS-ET Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-FD25B20A0032GS-ET Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-FD25B20A0032GS-ET Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-FD25B20A0032GS-ET Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ATA Flash Drive 255
AP-FD25B20AxxxxxS-xxx
6. Software Interface
6.1 Command Set
This section defines the software requirements and the format of the commands the host sends to the
ATA-Flash Drive (AFD). Commands are issued to the AFD by loading the required registers in the
command block with the supplied parameters, and then writing the command code to the command
register. The manner in which a command is accepted varies.
Table 6-1: Command set
Code
Command
Code
Command
E5h
Check Power Mode
F6h
Security Disable Password
92h
Download Microcode
F3h
Security Erase Prepare
90h
Execute Device Diagnostic
F4h
Security Erase Unit
E7h
Flush Cache
F5h
Security Freeze Lock
EAh
Flush Cache EXT
F1h
Security Set Password
ECh
Identify Device
F2h
Security Unlock
A1h
Identify Packet Device
70h
Seek
E3h
Idle
EFh
Set Features
E1h
Idle Immediate
F9h
Set Max
91h
Initialize Device Parameters
91h
Set Max Address EXT
00h
NOP
C6h
Set Multiple Mode
E4h
Read Buffer
E6h
Sleep
C8h
Read DMA
B0h
SMART
25h
Read DMA EXT
E2h
Standby
C4h
Read Multiple
E0h
Standby Immediate
29h
Read Multiple EXT
E8h
Write Buffer
F8h
Read Native Max Address
CAh
Write DMA
27h
Read Native Max Address EXT
35h
Write DMA EXT
20h
Read Sector
C5h
Write Multiple
24h
Read Sector EXT
39h
Write Multiple EXT
40h
Read Verify Sectors
30h
Write Sector
42h
Read Verify Sectors EXT
34h
Write Sector EXT
10h
Recalibrate
9
© 2011 Apacer Technology Inc.
Rev. 1.2


Similar Part No. - AP-FD25B20A0032GS-ET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FD25A20A0001GR-KS ETC2-AP-FD25A20A0001GR-KS Datasheet
182Kb / 19P
   Value Added ATA Flash Drive ?
AP-FD25A20A0001GR-KSW ETC2-AP-FD25A20A0001GR-KSW Datasheet
182Kb / 19P
   Value Added ATA Flash Drive ?
AP-FD25A20A0002GR-KS ETC2-AP-FD25A20A0002GR-KS Datasheet
182Kb / 19P
   Value Added ATA Flash Drive ?
AP-FD25A20A0002GR-KSW ETC2-AP-FD25A20A0002GR-KSW Datasheet
182Kb / 19P
   Value Added ATA Flash Drive ?
AP-FD25A20A0004GR-KS ETC2-AP-FD25A20A0004GR-KS Datasheet
182Kb / 19P
   Value Added ATA Flash Drive ?
More results

Similar Description - AP-FD25B20A0032GS-ET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FD18A20B0001GR ETC2-AP-FD18A20B0001GR Datasheet
275Kb / 18P
   ATA Flash Drive ?
AP-FD18A20C0004GS-DTM ETC2-AP-FD18A20C0004GS-DTM Datasheet
189Kb / 18P
   ATA Flash Drive
AP-FD18B20B0016GS-TM ETC2-AP-FD18B20B0016GS-TM Datasheet
259Kb / 17P
   ATA Flash Drive 185M
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
PS18P6A008G-5TWL ETC2-PS18P6A008G-5TWL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-CT ETC2-APS18P6A008G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A016G-CCM ETC2-APS18P6A016G-CCM Datasheet
245Kb / 21P
   Serial ATA Flash Drive
APS25M5A004G-AT ETC2-APS25M5A004G-AT Datasheet
261Kb / 19P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com