Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP-FM001GL2003S-DT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP-FM001GL2003S-DT
Description  ATA Disk Module 4
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-FM001GL2003S-DT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP-FM001GL2003S-DT Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-FM001GL2003S-DT Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-FM001GL2003S-DT Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-FM001GL2003S-DT Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-FM001GL2003S-DT Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-FM001GL2003S-DT Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-FM001GL2003S-DT Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-FM001GL2003S-DT Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-FM001GL2003S-DT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ATA-Disk Module 4
AP-FMxxxxL20XXS-XXXXT
1
© 2011 Apacer Technology Inc.
Rev. 1.1
Features:
Standard ATA/IDE bus interface
ATA command set compatible
ATA operating mode supports up to:
PIO Mode-4
Multiword DMA Mode-2
Ultra DMA Mode-6
Connector type
44-pin female connector
Low power consumption (typical)
Supply voltage: 3.3V & 5V
Active mode: 120mA
Idle mode: 7mA
Performance
Sustained read: Up to 85 MB/sec
Sustained write: Up to 40 MB/sec
Capacity
Standard:
1, 2, 4, 8, 16 GB
NAND Flash Type: SLC
Temperature ranges
Operation:
Standard: 0°C to 70°C
ET*: -40°C to 85°C
Storage: -40°C to 100°C
Flash management
Intelligent endurance design
Advanced wear-leveling algorithms
S.M.A.R.T. technology
Built-in hardware ECC
Enhanced data integrity
Intelligent power failure recovery
Enhanced security level
Secure protection zone
ATA Secure Erase
Halogen Free
*Extended Temperature


Similar Part No. - AP-FM001GL2003S-DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM001GL1003S-DT ETC2-AP-FM001GL1003S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM001GL1003S-EDT ETC2-AP-FM001GL1003S-EDT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM001GL1005S-DT ETC2-AP-FM001GL1005S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM001GL1005S-EDT ETC2-AP-FM001GL1005S-EDT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM001GL3003S-DT ETC2-AP-FM001GL3003S-DT Datasheet
165Kb / 18P
   ATA Disk Module 4
More results

Similar Description - AP-FM001GL2003S-DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM001GL1005S-DT ETC2-AP-FM001GL1005S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM001GL3005S-DT ETC2-AP-FM001GL3005S-DT Datasheet
165Kb / 18P
   ATA Disk Module 4
logo
Silicon Storage Technol...
SST58SM008 SST-SST58SM008 Datasheet
377Kb / 40P
   ATA-Disk Module
logo
Apacer Technology Inc.
ADM5S-44P90D270D APACER-ADM5S-44P90D270D Datasheet
977Kb / 4P
   ATA Disk Module 5S(ADM)
logo
List of Unclassifed Man...
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
   Value Added ATA Disk Module ?
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS_14 Datasheet
186Kb / 20P
   Value Added ATA Disk Module ?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com