Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP-FM008GL2003S-NJDT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AP-FM008GL2003S-NJDT
Description  ATA Disk Module 4
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-FM008GL2003S-NJDT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AP-FM008GL2003S-NJDT Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-FM008GL2003S-NJDT Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-FM008GL2003S-NJDT Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-FM008GL2003S-NJDT Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-FM008GL2003S-NJDT Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-FM008GL2003S-NJDT Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-FM008GL2003S-NJDT Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-FM008GL2003S-NJDT Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-FM008GL2003S-NJDT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ATA-Disk Module 4
AP-FMxxxxL20XXS-XXXXT
3
© 2011 Apacer Technology Inc.
Rev. 1.1
1. General Description
Apacer’s ATA-Disk Module (ADM) is a high-performance, embedded flash drive designed to replace the
conventional IDE hard disk drive. The ADMs can be plugged into a standard IDE connector commonly
found in desktops, IT-STB, industrial PCs and thin client systems. Apacer’s ADM SSD has a built-in
microcontroller with file management firmware that communicates with the ATA standard interfaces. No
additional or proprietary host software is required.
Well suited for embedded flash storage applications by offering new and expanded functionalities as well
as more cost-effective designs, better performance and increased reliability, ADM is designed to work at
either 5 or 3.3 Volts, supports the standard ATA/IDE protocol for up to PIO Mode-4, Multiword DMA
Mode-2 and Ultra DMA Mode-6 interfaces, and uses the standard ATA driver complying with all major
operating systems such as Microsoft’s Windows series, Apple’s Mac OS family, and Unix variants.
Featuring technologies as Advanced Wear-leveling algorithms, S.M.A.R.T, Enhanced Data Integrity,
Intelligent Power Failure Recovery, Secure Protection Zone and ATA Secure Erase, Apacer’s ADM
assures users of a versatile device on data storage.
1.1 Performance-Optimized Controller
The kernel of an ATA-Disk Module is the ATA controller, which translates standard ATA signals into the
data and controls of the flash media. This proprietary ATA controller is specifically designed to attain high
data throughput from the host to the flash.
1.1.1 Power Management Unit (PMU)
The power management unit (PMU) controls the power consumption of the ATA-Disk Module. It reduces
the power consumption of the ATA-Disk Module Controller by putting circuitry not in operation into sleep
mode. The PMU has zero wake-up latency.
1.1.2 SRAM Buffer
The ATA-Disk Module Controller performs as an SRAM buffer to optimize the host’s data transfer to and
from the flash media.


Similar Part No. - AP-FM008GL2003S-NJDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM008GL1003S-DT ETC2-AP-FM008GL1003S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM008GL1003S-EDT ETC2-AP-FM008GL1003S-EDT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM008GL1005S-DT ETC2-AP-FM008GL1005S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM008GL1005S-EDT ETC2-AP-FM008GL1005S-EDT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM008GL3003S-DT ETC2-AP-FM008GL3003S-DT Datasheet
165Kb / 18P
   ATA Disk Module 4
More results

Similar Description - AP-FM008GL2003S-NJDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM001GL1005S-DT ETC2-AP-FM001GL1005S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM001GL3005S-DT ETC2-AP-FM001GL3005S-DT Datasheet
165Kb / 18P
   ATA Disk Module 4
logo
Silicon Storage Technol...
SST58SM008 SST-SST58SM008 Datasheet
377Kb / 40P
   ATA-Disk Module
logo
Apacer Technology Inc.
ADM5S-44P90D270D APACER-ADM5S-44P90D270D Datasheet
977Kb / 4P
   ATA Disk Module 5S(ADM)
logo
List of Unclassifed Man...
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
   Value Added ATA Disk Module ?
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS_14 Datasheet
186Kb / 20P
   Value Added ATA Disk Module ?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com