Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP03XH15305RL Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # NCP03XH15305RL
Description  NTC Thermistors for Temp. Sensor and Compensation Chip Type
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP03XH15305RL Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button NCP03XH15305RL Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP03XH15305RL Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP03XH15305RL Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP03XH15305RL Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP03XH15305RL Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP03XH15305RL Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NCP03XH15305RL Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NCP03XH15305RL Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. NCP03XH15305RL Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
7
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
NTC Thermistors
for Temperature Sensor and Compensation 0201 (0603) Size
Electrode
(Ag System + Ni Plating + Sn Plating)
0.15
±0.05
0.15
±0.05
0.60
±0.03
(in mm)
Part Number
Resistance
(25
°C)
(ohm)
B-Constant
(25-50
°C)
(K)
B-Constant
(25-80
°C)
(Reference Value) (K)
B-Constant
(25-85
°C)
(Reference Value) (K)
B-Constant
(25-100
°C)
(Reference Value) (K)
Permissive Operating
Current (25
°C)
(mA)
Rated Electric
Power (25
°C)
(mW)
Typical Dissipation
Constant (25
°C)
(mW/
°C)
NCP03YS110J05RL
11
±5%
2750
±3%
2758
2758
2758
9.50
100
1
NCP03YS220J05RL
22
±5%
2750
±3%
2758
2758
2758
6.70
100
1
NCP03YS330J05RL
33
±5%
2750
±3%
2758
2758
2758
5.50
100
1
NCP03YS470J05RL
47
±5%
2750
±3%
2758
2758
2758
4.60
100
1
NCP03YS680J05RL
68
±5%
2750
±3%
2758
2758
2758
3.80
100
1
NCP03YS101J05RL
100
±5%
2750
±3%
2758
2758
2758
3.10
100
1
NCP03XM102p05RL
1.0k
3500
±1%
3539
3545
3560
1.00
100
1
NCP03XM152p05RL
1.5k
3500
±1%
3539
3545
3560
0.81
100
1
NCP03XM222p05RL
2.2k
3500
±1%
3539
3545
3560
0.67
100
1
NCP03XM332p05RL
3.3k
3500
±1%
3539
3545
3560
0.55
100
1
NCP03XM472p05RL
4.7k
3500
±1%
3539
3545
3560
0.46
100
1
NCP03XH682p05RL
6.8k
3380
±1%
3428
3434
3455
0.38
100
1
NCP03XH103F05RL
10k
±1%
3380
±1%
3428
3434
3455
0.31
100
1
NCP03XH103p05RL
10k
3380
±1%
3428
3434
3455
0.31
100
1
NCP03XV103p05RL
10k
3900
±1%
3930
3934
3944
0.31
100
1
NCP03XH153p05RL
15k
3380
±1%
3428
3434
3455
0.25
100
1
NCP03XH223p05RL
22k
3380
±1%
3428
3434
3455
0.21
100
1
NCP03WF333p05RL
33k
4250
±1%
4303
4311
4334
0.17
100
1
NCP03WB473p05RL
47k
4050
±3%
4101
4108
4131
0.14
100
1
NCP03WL473p05RL
47k
4485
±1%
4537
4543
4557
0.14
100
1
NCP03WF683p05RL
68k
4250
±1%
4303
4311
4334
0.12
100
1
NCP03WL683p05RL
68k
4485
±1%
4537
4543
4557
0.12
100
1
NCP03WF104F05RL
100k
±1%
4250
±1%
4303
4311
4334
0.10
100
1
NCP03WF104p05RL
100k
4250
±1%
4303
4311
4334
0.10
100
1
NCP03WL104p05RL
100k
4485
±1%
4537
4543
4557
0.10
100
1
NCP03WL154p05RL
150k
4485
±1%
4537
4543
4557
0.08
100
1
NCP03WL224p05RL
220k
4485
±1%
4537
4543
4557
0.06
100
1
A blank column is filled with resistance tolerance codes (E:
±3%, J: ±5%).
Rated Electric Power is necessary electric power that Thermistor's temperature rises 100
°C by self heating at 25°C in still air.
Operating Temperature Range: -40
°C to +125°C
0201/0402/0603/0805 sized Chip NTC Thermistors have Ni
barrier termination and provide excellent solderability
and offer high stability in environment by unique inner
construction.
s Features
1. Excellent solderability and high stability in
environment
2. Excellent long time aging stability
3. High accuracy in resistance and B-Constant
4. Reflow soldering possible
5. NCP series are recognized by UL/cUL.
(UL1434, File No.E137188)
s Applications
1. Temperature compensation for transistor, IC and
crystal oscillator in mobile communications
2. Temperature sensor for rechargeable batteries
3. Temperature compensation of LCD
4. Temperature compensation in general use of electric circuits
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
R44E.pdf
10.2.22


Similar Part No. - NCP03XH15305RL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03XH15305RL MURATA-NCP03XH15305RL Datasheet
1Mb / 44P
   NTC Thermistors
NCP03XH15305RL MURATA-NCP03XH15305RL Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP03XH15305RL MURATA-NCP03XH15305RL Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
NCP03XH15305RL MURATA-NCP03XH15305RL Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP03XH15305RL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18XW223E03RB MURATA-NCP18XW223E03RB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
R44E MURATA-R44E Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18WF104J0SRB MURATA-NCP18WF104J0SRB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18XM221J03RB MURATA-NCP18XM221J03RB Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NTSA0XR502EE1B0 MURATA-NTSA0XR502EE1B0 Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18WM224E03RB MURATA-NCP18WM224E03RB Datasheet
21Kb / 1P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
TDK Electronics
NTCG164QH105JT1 TDK-NTCG164QH105JT1 Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103NH681JT1 TDK-NTCG103NH681JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com