Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP03XH15305RL Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # NCP03XH15305RL
Description  NTC Thermistors for Temp. Sensor and Compensation Chip Type
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP03XH15305RL Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button NCP03XH15305RL Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP03XH15305RL Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP03XH15305RL Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP03XH15305RL Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP03XH15305RL Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NCP03XH15305RL Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NCP03XH15305RL Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. NCP03XH15305RL Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. NCP03XH15305RL Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
8
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
NTC Thermistors
for Temperature Sensor and Compensation 0402 (1005) Size
Electrode
(Ag System + Ni Plating + Sn Plating)
0.25
±0.10
0.25
±0.10
1.0
±0.05
(in mm)
Part Number
Resistance
(25
°C)
(ohm)
B-Constant
(25-50
°C)
(K)
B-Constant
(25-80
°C)
(Reference Value) (K)
B-Constant
(25-85
°C)
(Reference Value) (K)
B-Constant
(25-100
°C)
(Reference Value) (K)
Permissive Operating
Current (25
°C)
(mA)
Rated Electric
Power (25
°C)
(mW)
Typical Dissipation
Constant (25
°C)
(mW/
°C)
NCP15XC220p03RC
22
3100
±3%
3126
3128
3136
6.70
100
1
NCP15XC330p03RC
33
3100
±3%
3126
3128
3136
5.50
100
1
NCP15XC470p03RC
47
3100
±3%
3126
3128
3136
4.60
100
1
NCP15XC680p03RC
68
3100
±3%
3126
3128
3136
3.80
100
1
NCP15XF101p03RC
100
3250
±3%
3282
3284
3296
3.10
100
1
NCP15XF151p03RC
150
3250
±3%
3282
3284
3296
2.50
100
1
NCP15XM221p03RC
220
3500
±3%
3539
3545
3560
2.10
100
1
NCP15XM331p03RC
330
3500
±3%
3539
3545
3560
1.70
100
1
NCP15XQ471p03RC
470
3650
±2%
3688
3693
3706
1.40
100
1
NCP15XQ681p03RC
680
3650
±3%
3688
3693
3706
1.20
100
1
NCP15XQ102p03RC
1.0k
3650
±2%
3688
3693
3706
1.00
100
1
NCP15XW152p03RC
1.5k
3950
±3%
3982
3987
3998
0.81
100
1
NCP15XW222p03RC
2.2k
3950
±3%
3982
3987
3998
0.67
100
1
NCP15XW332p03RC
3.3k
3950
±3%
3982
3987
3998
0.55
100
1
NCP15XM472p03RC
4.7k
3500
±2%
3539
3545
3560
0.46
100
1
NCP15XW682p03RC
6.8k
3950
±3%
3982
3987
3998
0.38
100
1
NCP15XH103D03RC
10k
±0.5% 3380 ±0.7%
3428
3434
3455
0.31
100
1
NCP15XH103F03RC
10k
±1%
3380
±1%
3428
3434
3455
0.31
100
1
NCP15XH103p03RC
10k
3380
±1%
3428
3434
3455
0.31
100
1
NCP15XV103p03RC
10k
3900
±3%
3930
3934
3944
0.31
100
1
NCP15XW153p03RC
15k
3950
±3%
3982
3987
3998
0.25
100
1
NCP15XW223p03RC
22k
3950
±3%
3982
3987
3998
0.21
100
1
NCP15WL223p03RC
22k
4485
±1%
4537
4543
4557
0.21
100
1
NCP15WB333p03RC
33k
4050
±3%
4101
4108
4131
0.17
100
1
Continued on the following page.
0201/0402/0603/0805 sized Chip NTC Thermistor have Ni
barrier termination and provide excellent solderability
and offer high stability in environment by unique inner
construction.
s Features
1. Excellent solderability and high stability in
environment
2. Excellent long time aging stability
3. High accuracy in resistance and B-Constant
4. Reflow soldering possible
5. Same B-constant in the same resistance in the three
sizes (0805 size / 0603 size / 0402 size)
Easy to use smaller size in the circuits
6. NCP series are recognized by UL/cUL.
(UL1434, File No.E137188)
s Applications
1. Temperature compensation for transistor, IC and
crystal oscillator in mobile communications
2. Temperature sensor for rechargeable batteries
3. Temperature compensation of LCD
4. Temperature compensation in general use of electric
circuits
NCP15WL333p03RC
33k
4485
±1%
4537
4543
4557
0.17
100
1
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
R44E.pdf
10.2.22


Similar Part No. - NCP03XH15305RL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03XH15305RL MURATA-NCP03XH15305RL Datasheet
1Mb / 44P
   NTC Thermistors
NCP03XH15305RL MURATA-NCP03XH15305RL Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP03XH15305RL MURATA-NCP03XH15305RL Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
NCP03XH15305RL MURATA-NCP03XH15305RL Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP03XH15305RL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18XW223E03RB MURATA-NCP18XW223E03RB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
R44E MURATA-R44E Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18WF104J0SRB MURATA-NCP18WF104J0SRB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18XM221J03RB MURATA-NCP18XM221J03RB Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NTSA0XR502EE1B0 MURATA-NTSA0XR502EE1B0 Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18WM224E03RB MURATA-NCP18WM224E03RB Datasheet
21Kb / 1P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
TDK Electronics
NTCG164QH105JT1 TDK-NTCG164QH105JT1 Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103NH681JT1 TDK-NTCG103NH681JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com