Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP349MNAE Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP349MNAE
Description  Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP349MNAE Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP349MNAE Datasheet HTML 4Page - ON Semiconductor NCP349MNAE Datasheet HTML 5Page - ON Semiconductor NCP349MNAE Datasheet HTML 6Page - ON Semiconductor NCP349MNAE Datasheet HTML 7Page - ON Semiconductor NCP349MNAE Datasheet HTML 8Page - ON Semiconductor NCP349MNAE Datasheet HTML 9Page - ON Semiconductor NCP349MNAE Datasheet HTML 10Page - ON Semiconductor NCP349MNAE Datasheet HTML 11Page - ON Semiconductor NCP349MNAE Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NCP349
http://onsemi.com
11
ORDERING INFORMATION
Device
Marking
Package
Shipping
NCP349MNTBG
AC
DFN6
(Pb−Free)
3000 / Tape & Reel
NCP349MNAETBG
AE
NCP349MNBGTBG
AG
NCP349MNBKTBG
AK
NCP349MNAMTBG
AM
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
SELECTION GUIDE
The NCP349 can be available in several undervoltage and overvoltage thresholds versions. Part number is designated as follows:
a
NCP349MNxxTxG
bc
Code
Contents
a
UVLO Typical Threshold
a: − = 2.95 V
a: A = 2.95 V
a: B = 3.25 V
b
OVLO Typical Threshold
b: E = 5.68 V
b: G = 6.02 V
b: K = 6.40 V
b: − = 6.85 V
b: M = 7.2 V
c
Tape & Reel Type
c: B = 3000


Similar Part No. - NCP349MNAE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP349MNAETBG ONSEMI-NCP349MNAETBG Datasheet
465Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
March, 2009 ??Rev. 0
More results

Similar Description - NCP349MNAE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP349 ONSEMI-NCP349 Datasheet
465Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
March, 2009 ??Rev. 0
NCP349MNTBG ONSEMI-NCP349MNTBG Datasheet
314Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
September, 2012 ??Rev. 3
NCP391 ONSEMI-NCP391 Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
NCP391 ONSEMI-NCP391 Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
NCP347 ONSEMI-NCP347 Datasheet
305Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
September, 2007 - Rev. 0
NCP348AEMTTBG ONSEMI-NCP348AEMTTBG Datasheet
488Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
May, 2010 ??Rev. 6
NCP348 ONSEMI-NCP348 Datasheet
278Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG
November, 2006 ??Rev. 2
NCP372 ONSEMI-NCP372 Datasheet
250Kb / 12P
   Positive and Negative Overvoltage Protection Controller with Internal Low Ron NMOS FETs and Status FLAG
April, 2009 ??Rev. 0
logo
Maxim Integrated Produc...
MAX4970 MAXIM-MAX4970 Datasheet
169Kb / 9P
   Overvoltage-Protection Controllers with a Low RON Internal FET
Rev 1; 8/08
logo
ON Semiconductor
NCP361 ONSEMI-NCP361 Datasheet
721Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
June, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com