Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS18P6A064G-CC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # APS18P6A064G-CC
Description  Serial ATA Flash Drive
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APS18P6A064G-CC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button APS18P6A064G-CC Datasheet HTML 5Page - List of Unclassifed Manufacturers APS18P6A064G-CC Datasheet HTML 6Page - List of Unclassifed Manufacturers APS18P6A064G-CC Datasheet HTML 7Page - List of Unclassifed Manufacturers APS18P6A064G-CC Datasheet HTML 8Page - List of Unclassifed Manufacturers APS18P6A064G-CC Datasheet HTML 9Page - List of Unclassifed Manufacturers APS18P6A064G-CC Datasheet HTML 10Page - List of Unclassifed Manufacturers APS18P6A064G-CC Datasheet HTML 11Page - List of Unclassifed Manufacturers APS18P6A064G-CC Datasheet HTML 12Page - List of Unclassifed Manufacturers APS18P6A064G-CC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Serial ATA Flash Drive
APS18P6Axxxx-CXXX
8
© 2011 Apacer Technology Inc.
Rev. 1.0
Table 2-1 Command set (2 of 2)
Command
Code
FR
1
SC
2
SN
3
CY
4
DH
5
LBA
6
Set-Multiple-Mode
C6H
-
Y
-
-
D
-
Sleep
E6H
-
-
-
-
D
-
SMART
B0H
Y
Y
Y
Y
D
Standby
E2H
-
-
-
-
D
-
Standby-lmmediate
E0H
-
-
-
-
D
-
Write-DMA
CAH
-
Y
Y
Y
Y
Y
Write-Multiple
C5H
-
Y
Y
Y
Y
Y
Write-Sector(s)
30H
-
Y
Y
Y
Y
Y
1. FR - Features register
2. SC - Sector Count register
3. SN - Sector Number register
4. CY - Cylinder registers
5. DH - Drive/Head register
6. LBA - Logical Block Address mode supported (see command descriptions for use)
7. Y - The register contains a valid parameter for this command.
8. For the Drive/Head register:
Y means both the SAFD and Head parameters are used
D means only the SAFD parameter is valid and not the Head parameter


Similar Part No. - APS18P6A064G-CC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS18P6A064G-CCM ETC2-APS18P6A064G-CCM Datasheet
245Kb / 21P
   Serial ATA Flash Drive
APS18P6A064G-CCML ETC2-APS18P6A064G-CCML Datasheet
245Kb / 21P
   Serial ATA Flash Drive
APS18P6A064G-CCMW ETC2-APS18P6A064G-CCMW Datasheet
245Kb / 21P
   Serial ATA Flash Drive
APS18P6A064G-CCMWL ETC2-APS18P6A064G-CCMWL Datasheet
245Kb / 21P
   Serial ATA Flash Drive
More results

Similar Description - APS18P6A064G-CC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
APSDM008GM5AN-PCM ETC2-APSDM008GM5AN-PCM Datasheet
308Kb / 21P
   Serial ATA Flash Drive
APS25P6B008G-5T ETC2-APS25P6B008G-5T Datasheet
387Kb / 19P
   Serial ATA Flash Drive
APS25P6B032G-CT ETC2-APS25P6B032G-CT Datasheet
293Kb / 21P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM_14 Datasheet
760Kb / 21P
   Serial ATA Flash Drive
AP-SAFD255AA008GS-T ETC2-AP-SAFD255AA008GS-T Datasheet
340Kb / 19P
   Serial ATA Flash Drive
PS18P6A008G-5TWL ETC2-PS18P6A008G-5TWL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A016G-CCM ETC2-APS18P6A016G-CCM Datasheet
245Kb / 21P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com