Electronic Components Datasheet Search |
|
NCP15XF15103RC Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd. |
|
NCP15XF15103RC Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd. |
9 / 40 page 8 2 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. NTC Thermistors for Temperature Compensation 0402 (1005) Size 0201/0402/0603/0805 sized Chip NTC Thermistors have Ni barrier termination and provide excellent solderability and offer high stability in environment by unique inner construction. s Features 1. Excellent solderability and high stability in environment 2. Excellent long time aging stability 3. High accuracy in resistance and B-constant 4. Reflow soldering possible 5. Same B-constant in the same resistance in the three sizes (0805/0603/0402) Easy to use smaller size in the circuits 6. Lead is not contained in the product. 7. NCP15/18/21 series are recognized by UL (UL1434, File No. E137188 Vol. 2, Sec. 2) s Applications 1. Temperature compensation of transistor, IC, crystal oscillator of mobile communications equipment 2. Temperature sensor for rechargeable batteries 3. Temperature compensation of LCD 4. Temperature compensation and sensing of car audio equipment (CD, MD, Tuner) 5. Temperature compensation of several kinds of circuits Electrode (Ag Alloy + Ni Plating + Sn Plating) 0.25 ±0.10 0.25 ±0.10 1.0 ±0.05 (in mm) Part Number Resistance (25 °C) B-Constant (25-50 °C) (K) Permissive Operating Current (25 °C) (mA) Rated Electric Power (25 °C) (mW) Typical Dissipation Constant (25 °C) (mW/ °C) Operating Temperature Range ( °C) NCP15XC220p03RC 22ohm 3100 ±3% 6.70 100 1.0 -40 to 125 NCP15XC330p03RC 33ohm 3100 ±3% 5.50 100 1.0 -40 to 125 NCP15XC470p03RC 47ohm 3100 ±3% 4.60 100 1.0 -40 to 125 NCP15XC680p03RC 68ohm 3100 ±3% 3.80 100 1.0 -40 to 125 NCP15XF101p03RC 100ohm 3250 ±3% 3.10 100 1.0 -40 to 125 NCP15XF151p03RC 150ohm 3250 ±3% 2.50 100 1.0 -40 to 125 NCP15XM221p03RC 220ohm 3500 ±3% 2.10 100 1.0 -40 to 125 NCP15XM331p03RC 330ohm 3500 ±3% 1.70 100 1.0 -40 to 125 NCP15XQ471p03RC 470ohm 3650 ±2% 1.40 100 1.0 -40 to 125 NCP15XQ681p03RC 680ohm 3650 ±3% 1.20 100 1.0 -40 to 125 NCP15XQ102p03RC 1.0k ohm 3650 ±2% 1.00 100 1.0 -40 to 125 NCP15XW152p03RC 1.5k ohm 3950 ±3% 0.81 100 1.0 -40 to 125 NCP15XW222p03RC 2.2k ohm 3950 ±3% 0.67 100 1.0 -40 to 125 NCP15XW332p03RC 3.3k ohm 3950 ±3% 0.55 100 1.0 -40 to 125 NCP15XM472p03RC 4.7k ohm 3500 ±2% 0.46 100 1.0 -40 to 125 NCP15XW682p03RC 6.8k ohm 3950 ±3% 0.38 100 1.0 -40 to 125 NCP15XH103p03RC 10k ohm 3380 ±1% 0.31 100 1.0 -40 to 125 NCP15XV103p03RC 10k ohm 3900 ±3% 0.31 100 1.0 -40 to 125 NCP15XW153p03RC 15k ohm 3950 ±3% 0.25 100 1.0 -40 to 125 NCP15XW223p03RC 22k ohm 3950 ±3% 0.21 100 1.0 -40 to 125 NCP15WL223p03RC 22k ohm 4485 ±1% 0.21 100 1.0 -40 to 125 NCP15WB333p03RC 33k ohm 4050 ±3% 0.17 100 1.0 -40 to 125 Continued on the following page. Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc. This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. !Note R44E9.pdf 05.4.13 |
Similar Part No. - NCP15XF15103RC |
|
Similar Description - NCP15XF15103RC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |