Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4949APDR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV4949APDR2G
Description  100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4949APDR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV4949APDR2G Datasheet HTML 3Page - ON Semiconductor NCV4949APDR2G Datasheet HTML 4Page - ON Semiconductor NCV4949APDR2G Datasheet HTML 5Page - ON Semiconductor NCV4949APDR2G Datasheet HTML 6Page - ON Semiconductor NCV4949APDR2G Datasheet HTML 7Page - ON Semiconductor NCV4949APDR2G Datasheet HTML 8Page - ON Semiconductor NCV4949APDR2G Datasheet HTML 9Page - ON Semiconductor NCV4949APDR2G Datasheet HTML 10Page - ON Semiconductor NCV4949APDR2G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NCV4949A
http://onsemi.com
7
OPERATING DESCRIPTION
The NCV4949A is a monolithic integrated low dropout
voltage regulator. Several outstanding features and auxiliary
functions are implemented to meet the requirements of
supplying
microprocessor
systems
in
automotive
applications. It is also suitable in other applications where
the included functions are required. The modular approach
of this device allows the use of other features and functions
independently when required.
Voltage Regulator
The voltage regulator uses an isolated collector vertical
PNP transistor as a regulating element. With this structure,
very low dropout voltage at currents up to 100 mA is
obtained. The dropout operation of the standby regulator is
maintained down to 3.0 V input supply voltage. The output
voltage is regulated up to a transient input supply voltage of
35 V.
A typical curve showing the standby output voltage as a
function of the input supply voltage is shown in Figure 16.
The current consumption of the device (quiescent current)
is less than 200
mA.
To reduce the quiescent current peak in the undervoltage
region and to improve the transient response in this region,
the dropout voltage is controlled. The quiescent current as
a function of the supply input voltage is shown in Figure 17.
Short Circuit Protection:
The maximum output current is internally limited. In case
of short circuit, the output current is foldback current limited
as described in Figure 15.
Iout (mA)
Figure 15. Foldback Characteristic of Vout
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0
50
100
150
200
250
300
350
Vout
5.0 V
35 V
5.0 V
2.0 V
0 V
Vout
VCC
Figure 16. Output Voltage versus Supply Voltage
Figure 17. Quiescent Current versus Supply Voltage
3.0
2.5
2.0
1.5
1.0
0
5.0
10
15
20
25
30
VCC, SUPPLY VOLTAGE (V)
0.5
0
RL = 5.0 kW
RL = 100 W
TJ = 25°C
Preregulator
To improve transient immunity a preregulator stabilizes
the internal supply voltage to 6.0 V. This internal voltage is
present at Pin 3 (VZ). This voltage should not be used as an
output because the output capability is very small (
100
mA).
This output may be used to improve transient behavior for
supply voltages less than 8.0 V. In this case a capacitor (100
nF − 1.0
mF) must be connected between Pin 3 and GND. If
this feature is not used Pin 3 must be left open.


Similar Part No. - NCV4949APDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4949APDR2G ONSEMI-NCV4949APDR2G Datasheet
140Kb / 12P
   Low Dropout Voltage Regulator
July, 2017 ??Rev. 4
More results

Similar Description - NCV4949APDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4949A ONSEMI-NCV4949A Datasheet
203Kb / 9P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
June, 2010 -- Rev. 0
L4949 ONSEMI-L4949_06 Datasheet
116Kb / 10P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Power?뭀n Reset
June, 2006 ??Rev. 9
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
CS8122 ONSEMI-CS8122 Datasheet
100Kb / 10P
   2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com