Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS25M5A016G-ACM Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # APS25M5A016G-ACM
Description  Serial ATA Flash Drive
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APS25M5A016G-ACM Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button APS25M5A016G-ACM Datasheet HTML 5Page - List of Unclassifed Manufacturers APS25M5A016G-ACM Datasheet HTML 6Page - List of Unclassifed Manufacturers APS25M5A016G-ACM Datasheet HTML 7Page - List of Unclassifed Manufacturers APS25M5A016G-ACM Datasheet HTML 8Page - List of Unclassifed Manufacturers APS25M5A016G-ACM Datasheet HTML 9Page - List of Unclassifed Manufacturers APS25M5A016G-ACM Datasheet HTML 10Page - List of Unclassifed Manufacturers APS25M5A016G-ACM Datasheet HTML 11Page - List of Unclassifed Manufacturers APS25M5A016G-ACM Datasheet HTML 12Page - List of Unclassifed Manufacturers APS25M5A016G-ACM Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Serial ATA Flash Drive
APS25M5Axxxx-ACMX
8
© 2011 Apacer Technology Inc.
Rev. 1.1
3. Flash Management
3.1
Error Correction/Detection
SAFD25M4-M implements a hardware ECC scheme, based on the BCH algorithm. It can detect and correct
up to 16 bits or 24 bits error in 1K bytes.
3.2
Bad Block Management
Although bad blocks on the flash media are already identified by the flash manufacturer, they can also be
accumulated over time during operation. SAFD25M4-M’s controller maintains a table that lists those normal
blocks with disk data, the free blocks for wear leveling, and bad blocks with errors. When a normal block is
detected broken, it is replaced with a free block and listed as a bad block. When a free block is detected
broken, it is then removed from the free block list and marked as a bad block.
During device operation, this ensures that newly accumulated bad blocks are transparent to the host. The
device will stop file write service once there are only two free blocks left such that the read function is still
available for copying the files from the disk into another.
3.3
Wear Leveling
The NAND flash devices are limited by a certain number of write cycles. When using a FAT-based file system,
frequent FAT table updates are required. If some area on the flash wears out faster than others, it would
significantly reduce the lifetime of the whole SSD, even if the erase counts of others are far from the write
cycle limit. Thus, if the write cycles can be distributed evenly across the media, the lifetime of the media can
be prolonged significantly. This scheme is called wear leveling.
Apacer’s wear-leveling scheme is achieved both via buffer management and Apacer-specific wear leveling
mechanism. They both ensure that the lifetime of the flash media can be increased, and the disk access
performance is optimized as well.
3.4
Power Failure Management
The Low Power Detection on the controller initiates crucial data saving before the power supplied to the
device is too low. This feature prevents the device from crash and ensures data integrity during an
unexpected power-off.
3.5
ATA Secure Erase
Accomplished by the Secure Erase (SE) command, which added to the open ANSI standards that control disk
drives, “ATA Secure Erase” is built into the disk drive itself and thus far less susceptible to malicious software
attacks than external software utilities. It is a positive easy-to-use data destroy command, amounting to
electronic data shredding. Executing the command causes a drive to internally completely erase all possible
user data. This command is carried out within disk drives, so no additional software is required. Once
executed, neither data nor the erase counter on the device would be recoverable, which blurs the accuracy of
device lifespan. The process to erase will not be stopped until finished while encountering power failure, and
will be continued when power is back on.


Similar Part No. - APS25M5A016G-ACM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A016G-AT ETC2-APS25M5A016G-AT Datasheet
261Kb / 19P
   Serial ATA Flash Drive
APS25M5A016G-ATW ETC2-APS25M5A016G-ATW Datasheet
261Kb / 19P
   Serial ATA Flash Drive
More results

Similar Description - APS25M5A016G-ACM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
APSDM008GM5AN-PCM ETC2-APSDM008GM5AN-PCM Datasheet
308Kb / 21P
   Serial ATA Flash Drive
APS25P6B008G-5T ETC2-APS25P6B008G-5T Datasheet
387Kb / 19P
   Serial ATA Flash Drive
APS25P6B032G-CT ETC2-APS25P6B032G-CT Datasheet
293Kb / 21P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM_14 Datasheet
760Kb / 21P
   Serial ATA Flash Drive
AP-SAFD255AA008GS-T ETC2-AP-SAFD255AA008GS-T Datasheet
340Kb / 19P
   Serial ATA Flash Drive
PS18P6A008G-5TWL ETC2-PS18P6A008G-5TWL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-CT ETC2-APS18P6A008G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A016G-CCM ETC2-APS18P6A016G-CCM Datasheet
245Kb / 21P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com