Electronic Components Datasheet Search |
|
APS25M5A032G-ACM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
APS25M5A032G-ACM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 19 page Serial ATA Flash Drive APS25M5Axxxx-ACMX 1 © 2011 Apacer Technology Inc. Rev. 1.1 Features: Standard Serial ATA 2.6 (Gen. 2) – Serial ATA 2.6 (Gen. 2) – SATAⅡ, 3.0 Gbps – ATA-compatible command set Capacities – 8, 16, 32, 64, 128 GB Performance* – Burst read/write: 300 MB/sec – Sustained read: up to 155 MB/sec – Sustained write: up to 80 MB/sec Intelligent endurance design – Built-in hardware ECC, enabling up to 16/24 bit correction per 1K bytes – Static wear-leveling scheme together with dynamical block allocation to significantly increase the lifetime of a flash device and optimize the disk performance – Flash bad-block management – S.M.A.R.T. – Power Failure Management – ATA Secure Erase – TRIM NAND Flash Type: MLC Data integrity under power-cycling – No battery required for data storage Temperature ranges – Operation: Standard: 0°C to 70°C (32 ~ 158°F) Extended: -40 ~ +85°C (-40° ~ 185°F)** – Storage: -40°C to 100°C (-40° ~ 212°F) Supply voltage – 5.0 V ± 5% Power consumption (typical)* – Active mode: 310 mA – Idle mode: 86 mA Form factor – 2.5 inch” (70.00 x 48.66 x 9.25***, unit: mm) Connector – 7-pin SATA signal connector – 15-pin SATA power connector Shock & Vibration – Shock: 50g (approx., non-operating) – Vibration: 15g (approx.) RoHS compliant *Varies from capacities. The values addressed for Performance and Power consumptions are typical and may vary depending on settings and platforms. **Only available in 16, 32, 64GB capacities. For details, please see “Product Ordering Information”. ***Including the width of the side bracket. Please see “Physical Characteristics” for details. |
Similar Part No. - APS25M5A032G-ACM |
|
Similar Description - APS25M5A032G-ACM |