Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP15XW22303RC Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # NCP15XW22303RC
Description  for Temperature Compensation 0201 (0603) Size
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP15XW22303RC Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button NCP15XW22303RC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP15XW22303RC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP15XW22303RC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP15XW22303RC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP15XW22303RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP15XW22303RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP15XW22303RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP15XW22303RC Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NCP15XW22303RC Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
6
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
NTC Thermistors
for Temperature Compensation 0201 (0603) Size
0201/0402/0603/0805 sized Chip NTC Thermistor have Ni
barrier termination and provide excellent
solderability and offer high stability in environment
by unique inner construction.
s Features
1. Excellent solderability and high stability in
environment
2. Excellent long time aging stability
3. High accuracy in resistance and B-constant
4. Reflow soldering possible
5. Lead is not contained in the product.
s Applications
1. Temperature compensation of transistor, IC, crystal
oscillator of mobile communications equipment
2. Temperature sensor for rechargeable batteries
3. Temperature compensation of LCD
4. Temperature compensation and sensing of car audio
equipment (CD, MD, Tuner)
5. Temperature compensation of several kinds of
circuits
Electrode
(Ag System + Ni Plating + Sn Plating)
0.15
±0.05
0.15
±0.05
0.60
±0.03
(in mm)
Part Number
Resistance
(25
°C)
B-Constant
(25-50
°C)
(K)
Permissive Operating
Current (25
°C)
(mA)
Rated Electric
Power (25
°C)
(mW)
Typical Dissipation
Constant (25
°C)
(mW/
°C)
Operating
Temperature Range
(
°C)
NCP03YS110p05RL
11ohm
2750
±3%
9.50
100
1.0
-40 to 125
NCP03YS220p05RL
22ohm
2750
±3%
6.70
100
1.0
-40 to 125
NCP03YS330p05RL
33ohm
2750
±3%
5.50
100
1.0
-40 to 125
NCP03YS470p05RL
47ohm
2750
±3%
4.60
100
1.0
-40 to 125
NCP03YS680p05RL
68ohm
2750
±3%
3.80
100
1.0
-40 to 125
NCP03YS101p05RL
100ohm
2750
±3%
3.10
100
1.0
-40 to 125
NCP03XH682p05RL
6.8k ohm
3380
±3%
0.38
100
1.0
-40 to 125
NCP03XH103p05RL
10k ohm
3380
±3%
0.31
100
1.0
-40 to 125
NCP03XH153p05RL
15k ohm
3380
±3%
0.25
100
1.0
-40 to 125
NCP03XH223p05RL
22k ohm
3380
±3%
0.21
100
1.0
-40 to 125
NCP03WF333p05RL
33k ohm
4250
±3%
0.17
100
1.0
-40 to 125
NCP03WB473p05RL
47k ohm
4050
±3%
0.14
100
1.0
-40 to 125
NCP03WL473p05RL
47k ohm
4485
±3%
0.14
100
1.0
-40 to 125
NCP03WF683p05RL
68k ohm
4250
±3%
0.12
100
1.0
-40 to 125
NCP03WL683p05RL
68k ohm
4485
±3%
0.12
100
1.0
-40 to 125
NCP03WF104p05RL
100k ohm
4250
±3%
0.10
100
1.0
-40 to 125
NCP03WL104p05RL
100k ohm
4485
±3%
0.10
100
1.0
-40 to 125
NCP03WL154p05RL
150k ohm
4485
±3%
0.08
100
1.0
-40 to 125
NCP03WL224p05RL
220k ohm
4485
±3%
0.06
100
1.0
-40 to 125
A blank column is filled with resistance tolerance codes. (J:
±5%, K: ±10%)
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
R44E9.pdf 05.4.13


Similar Part No. - NCP15XW22303RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP15XW22303RC MURATA-NCP15XW22303RC Datasheet
1Mb / 44P
   NTC Thermistors
NCP15XW22303RC MURATA-NCP15XW22303RC Datasheet
1Mb / 47P
   NTC Thermistors
NCP15XW22303RC MURATA-NCP15XW22303RC Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP15XW22303RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18WM154J03RB MURATA-NCP18WM154J03RB Datasheet
1Mb / 44P
   Temperature Sensor and Compensation 0603 (1608) Size
logo
List of Unclassifed Man...
M02097-11 ETC2-M02097-11 Datasheet
671Kb / 21P
   Temperature compensation for modulation current
logo
Panasonic Semiconductor
MA2Z0300AL PANASONIC-MA2Z0300AL Datasheet
231Kb / 3P
   For reduced voltage and temperature compensation
logo
Thinking Electronic Ind...
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
logo
STMicroelectronics
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
   Embedded temperature compensation
July 2016 Rev 1
logo
Murata Manufacturing Co...
BLM03AG100SN1D MURATA-BLM03AG100SN1D Datasheet
94Kb / 3P
   BLM03A Series (0201 Size)
logo
STMicroelectronics
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
   Embedded temperature compensation
February 2017 Rev 2
logo
Maxim Integrated Produc...
MAX78615-LMU MAXIM-MAX78615-LMU Datasheet
810Kb / 63P
   Digital Temperature Compensation
Rev 2; 1/15
logo
MKS Instruments.
230E MKS-230E Datasheet
137Kb / 2P
   Superior temperature compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com