Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP15WB33303RC Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # NCP15WB33303RC
Description  for Temperature Compensation 0201 (0603) Size
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP15WB33303RC Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  NCP15WB33303RC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NCP15WB33303RC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP15WB33303RC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP15WB33303RC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP15WB33303RC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP15WB33303RC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP15WB33303RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP15WB33303RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP15WB33303RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
3
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
qProduct ID
wSeries
tResistance Tolerance
yIndividual Specifications
NTC Thermistors for Temp. Sensor and Compensation Lead Type
NT
NTC Thermistors
E
F
±3%
±1%
E1
N6
PB
Individual Specifications
Product ID
Code
Resistance Tolerance
Code
(Part Number)
rResistance
Expressed by three figures. The unit is ohm (
Ω). The first and
second figures are significant digits, and the third figure
expresses the number of zeros which follow the two figures. If
there is a decimal point, it is expressed by the capital letter "
R". In
this case, all figures are significant digits.
A lead structure and other specifications are expressed by two digits.
202
203
Ex.)
2k
20k
Code
Resistance
Standard Bulk (
NTSA, NTSD0 Series)
Standard Taping (
NTSA Series)
Standard Bulk (
NTSD1 Series)
SA0
SD0
SD1
for Temperature Sensors No Lead-coating Type
for Temperature Sensors Lead-coating Type
(Total Length 30mm max.)
for Temperature Sensors Lead-coating Type
(Total Length 30 to 50mm)
Code
uPackaging (NTSA/NTSD0 Series)
A0
B0
Ammo Pack
Bulk
Code
Packaging
uTotal Length (NTSD1 Series)
30
40
50
30mm
40mm
50mm
Code
Total Length
Series
eTemperature Characteristics
WB
WC
WD
WF
XM
XH
XR
XV
Nominal B-Constant 4050e4099K
Nominal B-Constant 4100e4149K
Nominal B-Constant 4150e4199K
Nominal B-Constant 4250e4299K
Nominal B-Constant 3500e3549K
Nominal B-Constant 3350e3399K
Nominal B-Constant 3700e3749K
Nominal B-Constant 3900e3949K
Code
Temperature Characteristics
t
F
w
SA0
e
XH
r
103
y
E1
u
B0
NT
q
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
R44E9.pdf 05.4.13


Similar Part No. - NCP15WB33303RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP15WB33303RC MURATA-NCP15WB33303RC Datasheet
1Mb / 44P
   NTC Thermistors
NCP15WB33303RC MURATA-NCP15WB33303RC Datasheet
1Mb / 47P
   NTC Thermistors
NCP15WB33303RC MURATA-NCP15WB33303RC Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP15WB33303RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18WM154J03RB MURATA-NCP18WM154J03RB Datasheet
1Mb / 44P
   Temperature Sensor and Compensation 0603 (1608) Size
logo
List of Unclassifed Man...
M02097-11 ETC2-M02097-11 Datasheet
671Kb / 21P
   Temperature compensation for modulation current
logo
Panasonic Semiconductor
MA2Z0300AL PANASONIC-MA2Z0300AL Datasheet
231Kb / 3P
   For reduced voltage and temperature compensation
logo
Thinking Electronic Ind...
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
logo
STMicroelectronics
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
   Embedded temperature compensation
July 2016 Rev 1
logo
Murata Manufacturing Co...
BLM03AG100SN1D MURATA-BLM03AG100SN1D Datasheet
94Kb / 3P
   BLM03A Series (0201 Size)
logo
STMicroelectronics
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
   Embedded temperature compensation
February 2017 Rev 2
logo
Maxim Integrated Produc...
MAX78615-LMU MAXIM-MAX78615-LMU Datasheet
810Kb / 63P
   Digital Temperature Compensation
Rev 2; 1/15
logo
MKS Instruments.
230E MKS-230E Datasheet
137Kb / 2P
   Superior temperature compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com