Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC3FDM3-V-B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NC3FDM3-V-B
Description  The next generation of the worldwide accepted standard
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NC3FDM3-V-B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NC3FDM3-V-B Datasheet HTML 1Page - List of Unclassifed Manufacturers NC3FDM3-V-B Datasheet HTML 2Page - List of Unclassifed Manufacturers NC3FDM3-V-B Datasheet HTML 3Page - List of Unclassifed Manufacturers NC3FDM3-V-B Datasheet HTML 4Page - List of Unclassifed Manufacturers NC3FDM3-V-B Datasheet HTML 5Page - List of Unclassifed Manufacturers NC3FDM3-V-B Datasheet HTML 6Page - List of Unclassifed Manufacturers NC3FDM3-V-B Datasheet HTML 7Page - List of Unclassifed Manufacturers NC3FDM3-V-B Datasheet HTML 8Page - List of Unclassifed Manufacturers NC3FDM3-V-B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
8
innovative
solutions
I superior quality
NC3FAH1-B-0-D
Definitions, Abbreviations & Useful Information see page 162.
Neutrik ® Part
Number
Guide
Part
Number
Guide
Packaging:
D
Cable connector: bulk packed
Assembly:
D
Chassis connector: disassembled push latch
Retention:
w/o
Latch lock
-0
Retention spring
Shell:
B
Black shell, gold contacts
BAG
Black shell, silver contacts
Grounding:
0
Separate ground contact connected to shell, male only
1
Pin 1 & panel & shell connected, no separate ground contact
2
Separate ground contact connected to shell & panel, separate Pin 1
E
Additional ground contacts
w/o number
No ground / shell contact (except 4 / 5 pole), female only
Termination:
H
Horizontal PCB mount
HL
Laterial left PCB mount
HR
Laterial right PCB mount
L
Solder cups
V
Verticale PCB mount
Y
IDC for wires (no ground)
M3
Mounting holes with M3 thread
M25
Mounting holes with M2.5 thread
-
Not applicable
Series:
A, AA, B, BA, D, DL, DLX, MPR, P, PX, RX, X, XX
Gender:
F
Female
M
Male
Number of Contacts: 3, 4, 5, 6, 7, 8, 12
Connector Type:
A
Adapter
AC
powerCON
B
BNC
C
XLR
D
dummyPLUG
E
RJ45
F
RCA / CINCH
J (MJ, RJ, SJ)
Jack
K
Cable Assemblies
L
Loudspeaker
M
Modules
O
Fiber Optic Connector
P
Plugs
PP
Patch Panel
R
Circular Connector
T
Transformer


Similar Part No. - NC3FDM3-V-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NC3FDM3-V-B ETC2-NC3FDM3-V-B Datasheet
6Mb / 29P
   The next generation of the worldwide accepted standard
More results

Similar Description - NC3FDM3-V-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NC3MD-LX ETC2-NC3MD-LX Datasheet
6Mb / 29P
   The next generation of the worldwide accepted standard
logo
Hirose Electric
IX HIROSE-IX_18 Datasheet
296Kb / 6P
   Conforming to IEC Standard The Next-Generation Ethernet Connector for Industrial Equipment
logo
Omron Electronics LLC
E3XDA51S2M OMRON-E3XDA51S2M Datasheet
5Mb / 35P
   Evolution and Perfection The next-generation platform for a wide range of sensing
logo
Infineon Technologies A...
ICE5AR4770AG INFINEON-ICE5AR4770AG Datasheet
2Mb / 42P
   The ICE5xRxxxxAG is the 5th generation of fixed
V 2.2 2018-03-02
ICE5AR4770BZS INFINEON-ICE5AR4770BZS Datasheet
1Mb / 36P
   The ICE5ARxxxxBZS is the 5th generation of fixed
V 2.1 2018-02-27
logo
Integrated Device Techn...
ICS97U2A845A IDT-ICS97U2A845A Datasheet
220Kb / 13P
   Double the drive of the standard 97U877 device
logo
PHOENIX CONTACT
2701625 PHOENIX-2701625 Datasheet
64Kb / 5P
   Generation and monitoring of the SafetyBridge protocol
logo
Sanyo Semicon Device
10TPB68MC SANYO-10TPB68MC Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
   Crimping Next Generation
logo
Allegro MicroSystems
A8600 ALLEGRO-A8600 Datasheet
2Mb / 52P
   Designed to provide the power supply requirements of next generation car audio and infotainment systems, the A8600 provides all the control and protection circuitry to produce...
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com