Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURF3040PTA Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # MURF3040PTA
Description  30.0 Ampere Insulated Dual Doubler Ultra Fast Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

MURF3040PTA Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  MURF3040PTA Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. MURF3040PTA Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
400
280
400
600
420
600
30.0
10
300
35
500
150
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=125
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 15.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Temperature Range
(1) Reverse recovery test conditions IF = 0 5A IR = 1 0A Irr = 0.25A.
(2) Thermal Resistance junction to terminal.
(3) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
TO-3P(H)IS
Unit: inch (mm)
MURF3020PT
Features
Dual rectifier construction, positive center-tap
Plastic package has Underwriters Laboratory
Flammability Classification 94V0
Glass passivated chip junctions
Superfast recovery time, high voltage
Low forward voltage, high current capability
Low thermal resistance
Low power loss, high efficiency
High temperature soldering guaranteed:
260
oC, 0.16”(4.06mm)from case for 10 seconds
Mechanical Data
Cases: Insulated/Isolated TO-3P(H)IS
Terminals: Pure tin plated, lead free solderable per
MIL-STD-750. Method 2026
Polarity: As marked
Mounting position: Any
Mounting torque: 10in-lbs. Max.
Weight: 0.2 ounce, 5.6 gram approximately
Common Cathode
®
MURF3020PTD thru MURF3060PTD
Pb Free Plating Product
MURF3020PTD thru MURF3060PTD
30.0 Ampere Insulated Dual Doubler Ultra Fast Recovery Rectifier Diodes
Pb
Positive
Suffix "PT"
Common Anode
Negative
Suffix "PTA"
Tandem Polarity
Doubler
Suffix "PTD"
MURF3020PTA
MURF3020PTD
1.3
1.7
0.98
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.04
.
.
MURF3040PT
MURF3040PTA
MURF3040PTD
MURF3060PT
MURF3060PTA
MURF3060PTD
.610 (15.5)
.217 (5.5)
.130 (3.3)
.138 (3.5)
.215 (5.47)
.177
(4.5)
.177
(4.5)
.720
(18.3)
Min
.378
(9.6)
.965
(24.5)


Similar Part No. - MURF3040PTA

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
MURF3040PT DIOTECH-MURF3040PT Datasheet
783Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
More results

Similar Description - MURF3040PTA

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
F30C20D THINKISEMI-F30C20D Datasheet
763Kb / 2P
   30.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
MUR3020FCD THINKISEMI-MUR3020FCD Datasheet
761Kb / 2P
   30.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
MURF3020CD THINKISEMI-MURF3020CD Datasheet
273Kb / 2P
   30.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MUR3020FCR THINKISEMI-MUR3020FCR Datasheet
306Kb / 2P
   30.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MURF3020CTD THINKISEMI-MURF3020CTD Datasheet
761Kb / 2P
   30.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
MURF3080CTD THINKISEMI-MURF3080CTD Datasheet
356Kb / 2P
   30.0 Ampere Insulated Doubler Polarity Ultra Fast Recovery Rectifiers
MUR3020PTD THINKISEMI-MUR3020PTD Datasheet
724Kb / 2P
   30.0 Ampere Dual Doubler Tandem Ultra Fast Recovery Rectifiers
MURF2020CTD THINKISEMI-MURF2020CTD Datasheet
643Kb / 2P
   20.0 Ampere Insulated Doubler Tandem Ultra Fast Recovery Diodes
MUR3020CD THINKISEMI-MUR3020CD Datasheet
273Kb / 2P
   30.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MUR3020PR THINKISEMI-MUR3020PR Datasheet
292Kb / 2P
   30.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com