Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS1845N004G-PTW Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # APS1845N004G-PTW
Description  Serial ATA Flash Drive
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APS1845N004G-PTW Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  APS1845N004G-PTW Datasheet HTML 1Page - List of Unclassifed Manufacturers APS1845N004G-PTW Datasheet HTML 2Page - List of Unclassifed Manufacturers APS1845N004G-PTW Datasheet HTML 3Page - List of Unclassifed Manufacturers APS1845N004G-PTW Datasheet HTML 4Page - List of Unclassifed Manufacturers APS1845N004G-PTW Datasheet HTML 5Page - List of Unclassifed Manufacturers APS1845N004G-PTW Datasheet HTML 6Page - List of Unclassifed Manufacturers APS1845N004G-PTW Datasheet HTML 7Page - List of Unclassifed Manufacturers APS1845N004G-PTW Datasheet HTML 8Page - List of Unclassifed Manufacturers APS1845N004G-PTW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Serial ATA Flash Drive
APS1845Xxxxx-PXX
4
© 2013 Apacer Technology Inc.
Rev. 1.5
1.3
ATA Mode Support
SAFD18S4 provides ATA mode support as follows:
Up to PIO mode-4
Up to Multiword DMA mode-2
Up to UDMA mode-5
1.4
Capacity Specification
Capacity specification of SAFD18S4 product family is available as shown in Table 1-1. It lists the specific
capacity, the default numbers of logical cylinders and heads, and the number of logical sectors per track for
each product line.
Table 1-1 Capacity specification
Capacity
Total Bytes*
Cylinders
Heads
Sectors
Max LBA*
4 GB
4,011,614,208
7,773
16
63
7,835,184
8 GB
8,012,390,400
15,525
16
63
15,649,200
16 GB
16,013,942,784
16,383
16
63
31,277,232
32 GB
32,017,047,552
16,383
16
63
62,533,296
64 GB
64,023,257,088
16,383
16
63
125,045,424
*Display of total bytes varies from file systems.
**Cylinders, heads or sectors are not applicable for these capacities. Only LBA addressing applies.
LBA count addressed in the table above indicates total user storage capacity and will remain the same throughout the lifespan of
the device. However, the total usable capacity of the SSD is most likely to be less than the total physical capacity because a small
portion of the capacity is reserved for device maintenance usages.
1.5
Performance
Performance of SAFD18S4 is shown in Table 1-2.
Table 1-2 Performance specification
Capacity
Performance
4 GB
8 GB
16 GB
32 GB
64 GB
Sustained Read
(MB/s)
145
155
155
160
165
Sustained Write
(MB/s)
50
105
105
145
150
Note: Performance varies from flash configurations or host system settings.


Similar Part No. - APS1845N004G-PTW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS1845004G-AT ETC2-APS1845004G-AT Datasheet
317Kb / 20P
   Serial ATA Flash Drive
APS1845004G-ATW ETC2-APS1845004G-ATW Datasheet
317Kb / 20P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM Datasheet
317Kb / 20P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM Datasheet
764Kb / 20P
   Serial ATA Flash Drive SAFD18S4 -M Product Specifications
APS1845008G-ACM ETC2-APS1845008G-ACM Datasheet
760Kb / 21P
   Serial ATA Flash Drive
More results

Similar Description - APS1845N004G-PTW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
APSDM008GM5AN-PCM ETC2-APSDM008GM5AN-PCM Datasheet
308Kb / 21P
   Serial ATA Flash Drive
APS25P6B008G-5T ETC2-APS25P6B008G-5T Datasheet
387Kb / 19P
   Serial ATA Flash Drive
APS25P6B032G-CT ETC2-APS25P6B032G-CT Datasheet
293Kb / 21P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM_14 Datasheet
760Kb / 21P
   Serial ATA Flash Drive
AP-SAFD255AA008GS-T ETC2-AP-SAFD255AA008GS-T Datasheet
340Kb / 19P
   Serial ATA Flash Drive
PS18P6A008G-5TWL ETC2-PS18P6A008G-5TWL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-CT ETC2-APS18P6A008G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A016G-CCM ETC2-APS18P6A016G-CCM Datasheet
245Kb / 21P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com