Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMB2F Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # RMB2F
Description  SURFACE MOUNT BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

RMB2F Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  RMB2F Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. RMB2F Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RMB2F-RMB6F
Major Ratings and Characteristics
IF(AV)
0.5A , 0.8A
Features
Low profile space
Ideal for automated placement
Glass passivated chip junction
Low forward voltage drop
Low leakage current
High forward surge capability
High temperature soldering:
260℃/10 seconds at terminals
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Case: MBF Molded plastic
over glass passivated chip
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
Polarity: Polarity symbols marked on body
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol
RMB2F
RMB4F
RMB6F
UNIT
VRRM
200
400
600
V
VRMS
140
280
420
V
VDC
200
400
600
V
Maximum average forward output rectified
current at TA=30℃
-on glass-epoxy P.C.B (NOTE 1)
-on aluminum substrate (NOTE 2)
IFSM
A
VF
V
IR
μ
A
trr
250
nS
CJ
p F
(NOTE 1)
RθJA
(NOTE 2)
RθJA
(NOTE 1)
RθJL
TJ, TSTG
NOTE1:On glass epoxy P.C.B. mounted on 0.05×0.05″(1.3×1.3mm) pads
NOTE2:On aluminum substrate P.C.B. with an area of 0.8×0.8″(20×20mm) mounted on 0.05×0.05″(1.3×1.3mm) solder pad
trr
150nS,250nS
150
Thermal resistance per leg
85
70
20
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load(JEDEC Method)
30
Maximum instantaneous forward voltage drop per leg at 0.4A
1.25
Maximum RMS voltage
/ W
Operating junction and storage temperature range
–55 to +150
Maximum DC reverse current at
rated DC blocking voltage per leg
TA = 25 ℃
TA = 125℃
5.0
100
Typical junction capacitance per leg at 4.0 V ,1MHz
13
Maximum reverse recovery time
at IF = 0.5 A , IR = 1.0 A , Irr = 0.25 A
Maximum DC blocking voltage
IF(AV)
A
0.5
0.8
Maximum repetitive peak reverse voltage
VF
1.25V
Tj max.
150 °C
IF(AV)
0.5A , 0.8A
VRRM
200-600V
IFSM
30 A
IR
5.0 μA
http://www.trr-jx.com
SURFACE MOUNT BRIDGE RECTIFIERS


Similar Part No. - RMB2F

ManufacturerPart #DatasheetDescription
logo
Dc Components
RMB2F DCCOM-RMB2F Datasheet
40Kb / 2P
   RECTIFIER SPECIALISTS
logo
DIYI Electronic Technol...
RMB2F DYELEC-RMB2F Datasheet
2Mb / 3P
   PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RMB2F ZSELEC-RMB2F Datasheet
88Kb / 2P
   FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Electronics ...
RMB2F CHENDA-RMB2F Datasheet
292Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RMB2F CHENDA-RMB2F Datasheet
558Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - RMB2F

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
RMB2S SSC-RMB2S Datasheet
190Kb / 3P
   Surface Mount Bridge Rectifiers
logo
Bruckewell Technology L...
DF005S BWTECH-DF005S Datasheet
232Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
MB05F_GW JUXING-MB05F_GW Datasheet
820Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
DBS05 JUXING-DBS05 Datasheet
961Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
DB151S JUXING-DB151S Datasheet
1Mb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
   Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
   Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
MB0405F JUXING-MB0405F Datasheet
970Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
UMB05F JUXING-UMB05F_17 Datasheet
1Mb / 3P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
UMB05F CHENDA-UMB05F Datasheet
1Mb / 3P
   SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com