Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP-SDM032G1PANS-EM Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AP-SDM032G1PANS-EM
Description  SATA-Disk Module?
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SDM032G1PANS-EM Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AP-SDM032G1PANS-EM Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-SDM032G1PANS-EM Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-SDM032G1PANS-EM Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-SDM032G1PANS-EM Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-SDM032G1PANS-EM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-SDM032G1PANS-EM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-SDM032G1PANS-EM Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-SDM032G1PANS-EM Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-SDM032G1PANS-EM Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SATA-Disk Module
AP-SDMxxxx1PAXS-EM
6
© 2010 Apacer Technology Inc.
Rev. 1.1
2. Software Interface
2.1
Command Set
Table 2-1 summarizes the ATA commands supported by SDM.
Table 2-1: Command set (1 of 2)
Command
Code
FR
1
SC
2
SN
3
CY
4
DH
5
LBA
6
Check-Power-Mode
E5H
-
-
-
-
D
8
-
Execute-Drive-Diagnostic
90H
-
-
-
-
D
-
Flush-Cache
E7H
-
-
-
-
D
-
Identify-Drive
ECH
-
-
-
-
D
-
Idle
E3H
-
Y
-
-
D
-
Idle-Immediate
E1H
-
-
-
-
D
-
Initialize-Drive-Parameters
91H
-
Y
-
-
Y
-
Read-DMA
C8H or C9H
-
Y
Y
Y
Y
Y
Read-Multiple
C4H
-
Y
Y
Y
Y
Y
Read-Sector(s)
20H or 21H
-
Y
Y
Y
Y
Y
Read-Verify-Sector(s)
40H or 41H
-
Y
Y
Y
Y
Y
Recalibrate
10H
-
-
-
-
D
-
Security-Disable-Password
F6H
-
-
-
-
D
-
Security-Erase-Prepare
F3H
-
-
-
-
D
-
Security-Erase-Unit
F4H
-
-
-
-
D
-
Security-Freeze-Lock
F5H
-
-
-
-
D
-
Security-Set-Password
F1H
-
-
-
-
D
-
Security-Unlock
F2H
-
-
-
-
D
-
Seek
7XH
-
-
Y
Y
Set-Features
EFH
Y
7
-
-
-
D
-


Similar Part No. - AP-SDM032G1PANS-EM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-SDM032G1PANS-E ETC2-AP-SDM032G1PANS-E Datasheet
1Mb / 18P
   Halogen Free SATA-Disk Module?
More results

Similar Description - AP-SDM032G1PANS-EM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-SDM512MAPANS-B ETC2-AP-SDM512MAPANS-B Datasheet
355Kb / 44P
   SATA-Disk Module?
AP-SDM512MDPANS-HT ETC2-AP-SDM512MDPANS-HT Datasheet
204Kb / 20P
   SATA-Disk Module?
AP-SDM512MAPANS-HT ETC2-AP-SDM512MAPANS-HT Datasheet
262Kb / 21P
   SATA-Disk Module?
AP-SDM001G1PANS-HT ETC2-AP-SDM001G1PANS-HT Datasheet
270Kb / 35P
   SATA-Disk Module?
AP-SDM004GMPANS-HTC ETC2-AP-SDM004GMPANS-HTC Datasheet
155Kb / 18P
   SATA Disk Module
logo
Apacer Technology Inc.
SDM5A-22P180D APACER-SDM5A-22P180D Datasheet
1Mb / 4P
   SATA DOM (SATA disk of module)
logo
List of Unclassifed Man...
APSDM002G55AN-AT ETC2-APSDM002G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
logo
Apacer Technology Inc.
SDM5A-7P180D-SLIM2 APACER-SDM5A-7P180D-SLIM2 Datasheet
1Mb / 4P
   SATA Disk Module 5A
logo
List of Unclassifed Man...
APSDM001GA5AN-AT ETC2-APSDM001GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM001GD5AN-AT ETC2-APSDM001GD5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com