Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APSDM002GG5PN-PTW Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # APSDM002GG5PN-PTW
Description  SATA-Disk Module 4
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM002GG5PN-PTW Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  APSDM002GG5PN-PTW Datasheet HTML 1Page - List of Unclassifed Manufacturers APSDM002GG5PN-PTW Datasheet HTML 2Page - List of Unclassifed Manufacturers APSDM002GG5PN-PTW Datasheet HTML 3Page - List of Unclassifed Manufacturers APSDM002GG5PN-PTW Datasheet HTML 4Page - List of Unclassifed Manufacturers APSDM002GG5PN-PTW Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM002GG5PN-PTW Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM002GG5PN-PTW Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM002GG5PN-PTW Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM002GG5PN-PTW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SATA-Disk Module 4
APSDMxxxxG5AN-PXXX
3
© 2013 Apacer Technology Inc.
Rev. 1.3
1. General Description
Apacer’s SATA-Disk Module 4 (SDM4) is a high-performance, embedded SSD DOM (Disk on Module)
designed to replace the conventional SATA storage devices. SDM4 can be fitted into a standard Serial
ATA connectors commonly found in desktops, IT-STB, industrial PC and thin client systems. In addition,
SDM4 provides an innovative way for design-in clients with compact host computing systems.
Apacer’s SDM4 is built in with an efficient microcontroller that drives the potential of NAND flash and
delivers optimal performance. With its compact form factor and SATA 3.0 Gbps interface, this product is
well suited for embedded flash storage applications offering customizable and expanded functionalities as
well as more cost-effective designs, better performance and increased reliability.
2. Functional Block
SDM4 includes the SATA and Flash Management controllers, and flash media, as well as the SATA
standard interface. Figure 2-1 shows the functional block diagram.
Figure 2-1: Functional block diagram
Controller
Flash
Flash
Flash
Flash
Host
SATA 3.0 Gbps
Interface


Similar Part No. - APSDM002GG5PN-PTW

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
APSDM002G12AN-CT APACER-APSDM002G12AN-CT Datasheet
1Mb / 4P
   SATA DOM (SATA disk of module) series
APSDM002G12AN-CTW APACER-APSDM002G12AN-CTW Datasheet
1Mb / 4P
   SATA DOM (SATA disk of module) series
logo
List of Unclassifed Man...
APSDM002G15AN-AT ETC2-APSDM002G15AN-AT Datasheet
256Kb / 21P
   SATA-Disk Module 4
APSDM002G15AN-ATW ETC2-APSDM002G15AN-ATW Datasheet
256Kb / 21P
   SATA-Disk Module 4
APSDM002G15AN-PT ETC2-APSDM002G15AN-PT Datasheet
376Kb / 20P
   SATA-Disk Module 4
More results

Similar Description - APSDM002GG5PN-PTW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM002G55AN-AT ETC2-APSDM002G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
APSDM001GA5AN-AT ETC2-APSDM001GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM001GD5AN-AT ETC2-APSDM001GD5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM004GD5AN-ACM ETC2-APSDM004GD5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002G55AN-PT ETC2-APSDM002G55AN-PT Datasheet
344Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-PT ETC2-APSDM002G15AN-PT Datasheet
376Kb / 20P
   SATA-Disk Module 4
APSDM002G15AN-AT ETC2-APSDM002G15AN-AT Datasheet
256Kb / 21P
   SATA-Disk Module 4
APSDM002G45AN-PT ETC2-APSDM002G45AN-PT Datasheet
334Kb / 18P
   SATA-Disk Module 4
APSDM004GA5AN-ACM ETC2-APSDM004GA5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002GF5AN-AT ETC2-APSDM002GF5AN-AT Datasheet
225Kb / 21P
   SATA-Disk Module 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com