Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APSDM016GM5PN-PTW Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # APSDM016GM5PN-PTW
Description  Serial ATA Flash Drive
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM016GM5PN-PTW Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button APSDM016GM5PN-PTW Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM016GM5PN-PTW Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM016GM5PN-PTW Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM016GM5PN-PTW Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM016GM5PN-PTW Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM016GM5PN-PTW Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM016GM5PN-PTW Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM016GM5PN-PTW Datasheet HTML 12Page - List of Unclassifed Manufacturers APSDM016GM5PN-PTW Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Serial ATA Flash Drive
APSDMxxxxM5XN-PXX
8
© 2013 Apacer Technology Inc.
Rev. 1.8
3. Flash Management
3.1
Error Correction/Detection
mSATA M4 implements a hardware ECC scheme, based on the BCH algorithm. It can detect and correct up
to 16 bits or 24 bits error in 1K bytes.
3.2
Bad Block Management
Current production technology is unable to guarantee total reliability of NAND flash memory array. When a
flash memory device leaves factory, it comes with a minimal number of initial bad blocks during production or
out-of-factory as there is no currently known technology that produce flash chips free of bad blocks. In addition,
bad blocks may develop during program/erase cycles. When host performs program/erase command on a
block, bad block may appear in Status Register. Since bad blocks are inevitable, the solution is to keep them
in control. Apacer flash devices are programmed with ECC, block mapping technique and S.M.A.R.T to
reduce invalidity or error. Once bad blocks are detected, data in those blocks will be transferred to free blocks
and error will be corrected by designated algorithms.
3.3
Wear Leveling
Flash memory devices differ from Hard Disk Drives (HDDs) in terms of how blocks are utilized. For HDDs,
when a change is made to stored data, like erase or update, the controller mechanism on HDDs will perform
overwrites on blocks. Unlike HDDs, flash blocks cannot be overwritten and each P/E cycle wears down the
lifespan of blocks gradually. Repeatedly program/erase cycles performed on the same memory cells will
eventually cause some blocks to age faster than others. This would bring flash storages to their end of service
term sooner. Wear leveling is an important mechanism that level out the wearing of blocks so that the
wearing-down of blocks can be almost evenly distributed. This will increase the lifespan of SSDs. Commonly
used wear leveling types are Static and Dynamic.
3.4
Power Failure Management
Power Failure Management plays a crucial role when experiencing unstable power supply. Power disruption
may occur when users are storing data into the SSD. In this urgent situation, the controller would run multiple
write-to-flash cycles to store the metadata for later block rebuilding. This urgent operation requires about
several milliseconds to get it done. At the next power up, the firmware will perform a status tracking to retrieve
the mapping table and resume previously programmed NAND blocks to check if there is any incompleteness
of transmission.
3.5
ATA Secure Erase
ATA Secure Erase is an ATA disk purging command currently embedded in most of the storage drives.
Defined in ATA specifications, (ATA) Secure Erase is part of Security Feature Set that allows storage drives to
erase all user data areas. The erase process usually runs on the firmware level as most of the ATA-based
storage media currently in the market are built-in with this command. ATA Secure Erase can securely wipe out
the user data in the drive and protects it from malicious attack.


Similar Part No. - APSDM016GM5PN-PTW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM016GM5PN-PCMW ETC2-APSDM016GM5PN-PCMW Datasheet
308Kb / 21P
   Serial ATA Flash Drive
More results

Similar Description - APSDM016GM5PN-PTW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM008GM5AN-PCM ETC2-APSDM008GM5AN-PCM Datasheet
308Kb / 21P
   Serial ATA Flash Drive
APS25P6B008G-5T ETC2-APS25P6B008G-5T Datasheet
387Kb / 19P
   Serial ATA Flash Drive
APS25P6B032G-CT ETC2-APS25P6B032G-CT Datasheet
293Kb / 21P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM_14 Datasheet
760Kb / 21P
   Serial ATA Flash Drive
AP-SAFD255AA008GS-T ETC2-AP-SAFD255AA008GS-T Datasheet
340Kb / 19P
   Serial ATA Flash Drive
PS18P6A008G-5TWL ETC2-PS18P6A008G-5TWL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-CT ETC2-APS18P6A008G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A016G-CCM ETC2-APS18P6A016G-CCM Datasheet
245Kb / 21P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com