Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFR0.5B Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # MAFR0.5B
Description  Surface Mount Fast Recovery Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MAFR0.5B Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MAFR0.5B Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MAFR0.5B Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. MAFR0.5B Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Low profile package
Ideal for automated placement
Glass passivated chip junction
Fast switching for high efficiency
High forward surge capability
High temperature soldering:
260℃/10 seconds at terminals
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Major Ratings and Characteristics
Mechanical Date
Case:
JEDEC MSMA molded plastic
body over glass passivated chip
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
Polarity:
Laser band denotes cathode end
IF(AV)
0.5 A
VRRM
50 V to 1000 V
IFSM
15 A
trr
150nS, 250nS, 500nS
VF
1.3 V
Tj max.
150 °C
y
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
Thermal resistance from junction to lead
(1)
RθJL
Operating junction and storage temperature
range
TJ,TSTG
Maximum repetitive peak reverse voltage
VRRM
Maximum RMS voltage
VRMS
Maximum DC blocking voltage
VDC
j
MAFR
0.5A
MAFR
0.5B
MAFR
0.5D
MAFR
0.5G
Items
Symbol
MAFR
0.5J
MAFR
0.5K
MAFR
0.5M
UNIT
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
0.5
A
Maximum average forward rectified current
IF(AV)
15
A
35
/W
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
IFSM
–55 to +150
MAFR0.5A~
MAFR0.5G
MAFR0.5K~
MAFR0.5M
MAFR0.5J
UNIT
IF=0.5A
(2)
VF
1.3
μA
Reverse current
VR=VDC
Tj=25℃
Tj=125℃
IR
5
100
Instantaneous forward voltage
V
Items
Test conditions
Symbol
8pF
Typical junction capacitance
4.0V,1.0MHz
CJ
11
500
nS
Reverse recovery time
IF = 0.5 A , IR = 1.0 A ,
Irr = 0.25 A
trr
150
250
http://www.trr-jx.com
MAFR0.5A~MAFR0.5M
Surface Mount Fast Recovery Rectifiers


Similar Part No. - MAFR0.5B

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFR-000050-5S4C1T MA-COM-MAFR-000050-5S4C1T Datasheet
70Kb / 1P
   Single Junction Surface Mount Circulator 2.4GHz, 2.6GHz, 3.35GHz, 3.5GHz
MAFR-000053-AS1S1R MA-COM-MAFR-000053-AS1S1R Datasheet
93Kb / 2P
   Single Junction Robust Lead Isolator 869 MHz-894 MHz
MAFR-000054-GS1S1R MA-COM-MAFR-000054-GS1S1R Datasheet
93Kb / 2P
   Single Junction Robust Lead Isolator 925 MHz-960 MHz
MAFR-000055-DS1S1R MA-COM-MAFR-000055-DS1S1R Datasheet
93Kb / 2P
   Single Junction Robust Lead Isolator 1805 MHz-1880 MHz
MAFR-000072-DS1C1R MA-COM-MAFR-000072-DS1C1R Datasheet
94Kb / 2P
   Single Junction Robust Lead Circulator 1805 MHz-1880 MHz
More results

Similar Description - MAFR0.5B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SR3A EIC-SR3A Datasheet
47Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
SRR0 EIC-SRR0 Datasheet
48Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Silicon Standard Corp.
GR3K SSC-GR3K Datasheet
271Kb / 3P
   FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Compact Technology Corp...
FS1A CTC-FS1A Datasheet
173Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
SR3A EIC-SR3A_05 Datasheet
55Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
RS1A SEMTECH_ELEC-RS1A Datasheet
168Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Weitron Technology
RS3A WEITRON-RS3A Datasheet
84Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
   Surface Mount Fast Recovery Rectifiers
logo
Shenzhen Taychipst Elec...
FR3A TAYCHIPST-FR3A Datasheet
1Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
DFR05A LUGUANG-DFR05A Datasheet
175Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
   Surface Mount Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com